Electronic Components Datasheet Search
  English  ▼

X  

MAX148 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX148
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX148 Datasheet HTML 1Page - Maxim Integrated Products MAX148 Datasheet HTML 2Page - Maxim Integrated Products MAX148 Datasheet HTML 3Page - Maxim Integrated Products MAX148 Datasheet HTML 4Page - Maxim Integrated Products MAX148 Datasheet HTML 5Page - Maxim Integrated Products MAX148 Datasheet HTML 6Page - Maxim Integrated Products MAX148 Datasheet HTML 7Page - Maxim Integrated Products MAX148 Datasheet HTML 8Page - Maxim Integrated Products MAX148 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
2 ______________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
VDD to AGND, DGND..............................................-0.3V to +6V
AGND to DGND ...................................................-0.3V to +0.3V
CH0–CH7, COM to AGND, DGND........... -0.3V to (VDD + 0.3V)
VREF, REFADJ to AGND...........................-0.3V to (VDD + 0.3V)
Digital Inputs to DGND ...........................................-0.3V to +6V
Digital Outputs to DGND.......................... -0.3V to (VDD + 0.3V)
Digital Output Sink Current ................................................25mA
Continuous Power Dissipation (TA = +70NC)
Plastic DIP (derate 11.11mW/NC above +70NC)..........889mW
SSOP (derate 8.00mW/NC above +70NC) ....................640mW
CERDIP (derate 11.11mW/NC above +70NC) ..............889mW
Operating Temperature Ranges
MAX148_C_P/MAX149_C_P .............................. 0NC to +70NC
MAX148_E_P/MAX149_E_P ............................ -40NC to +85NC
MAX148_MJP/MAX149_MJP ........................ -55NC to +125NC
MAX149BMAP............................................... -55NC to +125NC
Storage Temperature Range............................ -60NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.25V; COM = 0; fSCLK = 2.0MHz; external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps);
MAX149—4.7FF capacitor at VREF pin; MAX148—external reference, VREF = 2.500V applied to VREF pin; TA = TMIN to TMAX, unless
otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
10
Bits
Relative Accuracy (Note 2)
INL
MAX14_A
±0.5
LSB
MAX14_B
±1.0
Differential Nonlinearity
DNL
No missing codes over temperature
±1
LSB
Offset Error
MAX14_A
±0.15
±1
LSB
MAX14_B
±0.15
±2
Gain Error (Note 3)
MAX14_A
±1
LSB
MAX14_B
±2
Gain Temperature Coefficient
±0.25
ppm/
°C
Channel-to-Channel Offset
Matching
±0.05
LSB
DYNAMIC SPECIFICATIONS (10kHz Sine-Wave Input, 0 to 2.500VP-P, 133ksps, 2.0MHz External Clock, Bipolar Input Mode)
Signal-to-Noise + Distortion
Noise
SINAD
66
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic
-70
dB
Spurious-Free Dynamic Range
SFDR
70
dB
Channel-to-Channel Crosstalk
65kHz, 2.500VP-P (Note 4)
-75
dB
Small-Signal Bandwidth
-3dB rolloff
2.25
MHz
Full-Power Bandwidth
1.0
MHz
CONVERSION RATE
Conversion Time (Note 5)
tCONV
Internal clock, SHDN = unconnected
5.5
7.5
μs
Internal clock, SHDN = VDD
35
65
External clock = 2MHz, 12 clocks/
conversion
6
Track/Hold Acquisition Time
tACQ
1.5
μs
Aperture Delay
30
ns
Aperture Jitter
< 50
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com