Electronic Components Datasheet Search
  English  ▼

X  

MAX306 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX306
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX306 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX306 Datasheet HTML 1Page - Maxim Integrated Products MAX306 Datasheet HTML 2Page - Maxim Integrated Products MAX306 Datasheet HTML 3Page - Maxim Integrated Products MAX306 Datasheet HTML 4Page - Maxim Integrated Products MAX306 Datasheet HTML 5Page - Maxim Integrated Products MAX306 Datasheet HTML 6Page - Maxim Integrated Products MAX306 Datasheet HTML 7Page - Maxim Integrated Products MAX306 Datasheet HTML 8Page - Maxim Integrated Products MAX306 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
VCOM = ±10V,
VNO = ±10V,
sequence
each switch
on
nA
-25
+25
ICOM(ON)
COM On-Leakage Current
(Note 5)
-12.5
+12.5
-0.75
+0.02
+0.75
-50
+50
-25
+25
-0.75
+0.02
+0.75
Off-Isolation
(Note 6)
dB
-69
VISO
210
Q
Charge Injection
(Note 3)
pC
55
150
ns
400
tON(EN)
Enable Turn-On Time
130
200
ns
10
40
tOPEN
Break-Before-Make Interval
110
300
µA
-1.0
+1.0
IAL
Input Current with
Input Voltage Low
µA
-1.0
+1.0
IAH
Input Current with
Input Voltage High
µA
-10
+10
I-
Negative Supply Current
-1
+1
mA
1
I+
Positive Supply Current
0.075
0.5
V
±4.5
±20
Power-Supply Range
16
30
µA
75
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
MAX306
MAX307
C, E
M
C, E
M
Crosstalk Between Channels
VCT
-92
dB
Logic Input Capacitance
CIN
8
pF
NO Off-Capacitance
CNO(OFF)
8
pF
TA = +25°C
VEN = 0V or 2.4V,
VA = 0V
TA = +25°C
VA = 2.4V or 15V
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
CONDITIONS
TA = +25°C
TA = +25°C
TA = +25°C
VEN = 0V,
RL = 1k
Ω,
f = 100kHz, Figure 6
CL = 1.0nF,
VNO = 0V,
RS = 0
Ω, Figure 5
Figure 3
VEN = 2.4V,
VA(ALL) = 0V
Figure 4
VEN = 2.4V,
VA(ALL) = 0V
VEN = VA = 0V or 5.0V
VEN = 2.4V,
f = 100kHz,
VGEN = 1VP-P,
RL = 1k
Ω, Figure 7
f = 1MHz
f = 1MHz,
VEN = VNO = 0V,
Figure 8
ns
400
tTRANS
Transition Time
TA = TMIN to TMAX
Figure 2
ns
300
tOFF(EN)
Enable Turn-Off Time
TA = TMIN to TMAX
Figure 3
INPUT
SUPPLY
DYNAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com