Electronic Components Datasheet Search
  English  ▼

X  

MAX1065BCUI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1065BCUI
Description  Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1065BCUI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1065BCUI Datasheet HTML 6Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 7Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 8Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 9Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 10Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 11Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 12Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 13Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Reading the Conversion Result
EOC is provided to flag the microprocessor when a con-
version is complete. The falling edge of EOC signals
that the data is valid and ready to be output to the bus.
D0–D13 are the parallel outputs of the MAX1065/
MAX1066. These three-state outputs allow for direct
connection to a microcontroller I/O bus. The outputs
remain high-impedance during acquisition and conver-
sion. Data is loaded onto the bus with the third falling
edge of CS with R/C high after tDOns. Bringing CS high
forces the output bus back to high-impedance. The
MAX1065/MAX1066 then waits for the next falling edge
of CS to start the next conversion cycle (Figure 2).
The MAX1065 loads the conversion result onto a 14-bit-
wide data bus while the MAX1066 has a byte-wide out-
put format. HBEN toggles the output between the
most/least significant byte. The least significant byte is
loaded onto the output bus when HBEN is low and the
most significant byte is on the bus when HBEN is high
(Figure 2).
RESET
Toggle RESET with CS high. The next falling edge of
CS will begin acquisition. This reset is an alternative to
the dummy conversion explained in the
Starting a
Conversion section.
Transfer Function
Figure 8 shows the MAX1065/MAX1066 output transfer
function. The output is coded in standard binary.
Input Buffer
Most applications require an input buffer amplifier to
achieve 14-bit accuracy. If the input signal is multiplexed,
the input channel should be switched immediately after
acquisition, rather than near the end of or after a conver-
sion. This allows more time for the input buffer amplifier to
respond to a large step-change in input signal. The input
amplifier must have a high enough slew rate to complete
the required output voltage change before the beginning
of the acquisition time. At the beginning of acquisition, the
internal sampling capacitor array connects to AIN (the
amplifier output) causing some output disturbance.
Ensure that the sampled voltage has settled to within the
required limits before the end of the acquisition time. If
the frequency of interest is low, AIN can be bypassed
with a large enough capacitor to charge the internal sam-
pling capacitor with very little ripple. However, for AC use,
AIN must be driven by a wideband buffer (at least
10MHz), which must be stable with the ADC’s capacitive
load (in parallel with any AIN bypass capacitor used) and
also settle quickly. An example of this circuit using the
MAX4434 is given in Figure 9.
Low-Power, 14-Bit Analog-to-Digital Converters
with Parallel Interface
______________________________________________________________________________________
11
5V
68k
Ω
100k
Ω
150k
Ω
0.22
μF
REFADJ
MAX1065
MAX1066
Figure 7. MAX1065/MAX1066 Reference Adjust Circuit
ANALOG
INPUT
10
Ω
40pF
AIN
MAX1065/
MAX1066
MAX4434
Figure 9. MAX1065/MAX1066 Fast Settling Input Buffer
OUTPUT CODE
FULL-SCALE
TRANSITION
11...111
12
3
0
FS
FS - 3/2LSB
FS = VREF
INPUT VOLTAGE (LSB)
1LSB =
VREF
16384
11...110
11...101
00...011
00...010
00...001
00...000
Figure 8. MAX1065/MAX1066 Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com