Electronic Components Datasheet Search
  English  ▼

X  

D1545 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # D1545
Description  NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

D1545 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  D1545 Datasheet HTML 1Page - Wing Shing Computer Components D1545 Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN
TRIPLE DIFFUSED
2SD1545
PLANAR SILICON TRANSISTOR
COLOR TV HORIZONTAL OUTPUT
APPLICATIONS(NO Damper Diode)
! High Collector-Base Voltage(V
CBO
=1500V)
2-16E3A
! High Speed Switching
ABSOLUTE MAXIMUM RATINGS (TA=25℃
℃
℃
℃)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base voltage
Collector Current (DC)
Collector Dissipation (Tc=25℃)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
1500
800
6
5
50
150
-50~150
V
V
V
A
W
℃
℃
℃
℃
℃
℃
℃
℃
ELECTRICAL CHARACTERISTICS (TA=25℃
℃
℃
℃)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector- Emitter Cutoff Current(VBE=0)
Collector Cutoff Current
Emitter Cutoff Current
DC Current Gain
Collector- Emitter Saturation Voltage
ICES
ICBO
IEBO
hFE
VCE(sat)
VCE= 1400 V ,RBE=0
VCB= 800 V , IE=0
VEB= 4V ,
IC=0
VCE= 5V ,
IC=1A
IC=5A ,
IB=1A
8
1.0
10
1.0
5.0
mA
µA
mA
V
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


Similar Part No. - D1545

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
D1541 PANASONIC-D1541 Datasheet
110Kb / 2P
SI NPN TRIPLE DIFFUSED JUNCTION MESA
logo
NXP Semiconductors
D154314 NXP-D154314 Datasheet
220Kb / 17P
3300-3670 MHz, 31 dB, 10.7 W Avg. AIRFAST POWER AMPLIFIER MODULE
Rev. 0 - February 2023
D154314 NXP-D154314 Datasheet
223Kb / 17P
Airfast Power Amplifier Module
Rev. 1 - January 2023
logo
List of Unclassifed Man...
D1544 ETC2-D1544 Datasheet
136Kb / 1P
TO-3P(H) IS PACKAGE SERIES
logo
Wing Shing Computer Com...
D1547 WINGS-D1547 Datasheet
119Kb / 2P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
More results

Similar Description - D1545

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SC1413A WINGS-2SC1413A Datasheet
30Kb / 1P
PLANAR SILICON TRANSISTOR NPN TRIPLE DIFFUSED(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
2SC1875 WINGS-2SC1875 Datasheet
69Kb / 1P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
2SD1168 WINGS-2SD1168 Datasheet
69Kb / 1P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
2SD1431 WINGS-2SD1431 Datasheet
28Kb / 1P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
2SD1433 WINGS-2SD1433 Datasheet
27Kb / 1P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
2SD1546 WINGS-2SD1546 Datasheet
31Kb / 1P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
2SD1711 WINGS-2SD1711 Datasheet
28Kb / 1P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
2SD200 WINGS-2SD200 Datasheet
69Kb / 1P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
BU508A WINGS-BU508A Datasheet
70Kb / 1P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
S2000AF WINGS-S2000AF Datasheet
31Kb / 1P
PLANAR SILICON TRANSISTOR NPN TRIPLE DIFFUSED(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com