Electronic Components Datasheet Search
  English  ▼

X  

ADS5400IPZP Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZP Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 32Page - Texas Instruments ADS5400IPZP Datasheet HTML 33Page - Texas Instruments ADS5400IPZP Datasheet HTML 34Page - Texas Instruments ADS5400IPZP Datasheet HTML 35Page - Texas Instruments ADS5400IPZP Datasheet HTML 36Page - Texas Instruments ADS5400IPZP Datasheet HTML 37Page - Texas Instruments ADS5400IPZP Datasheet HTML 38Page - Texas Instruments ADS5400IPZP Datasheet HTML 39Page - Texas Instruments ADS5400IPZP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
ADC
TI ADS5400
CLKIN
CLKIN
VCO
REF
CDC
(ClockDistributionChip)
Ex : TICDCM7005
LVPECL
or
LVCMOS
1000 MHz (To TransmitDAC )
125 MHz (ToDSP )
250 MHz (ToFPGA )
ToOther
BoardMaster
ReferenceClock
( HighorLowJitter)
10 MHz
1000 MHz
1000 MHz
LowJitterOscillator
SAW
LVPECL
XFMR
AMP
Thisisageneralblockdiagramexample: ConsultthedatasheetoftheCDCM7005 forproperschematic
andforspecificationsregardingallowableinputandoutputfrequencyandamplituderanges .
AMP and /orBPFoptional , dependingonjitterrequirements
LowJitterClockDistribution
ADS5400
SLAS611B – OCT 2009 – REVISED MARCH 2010
www.ti.com
Notice that the SNR is a strong function of the analog input frequency, not the clock frequency. The slope of the
clock source edges can have a mild impact on SNR as well and is not taken into account for these estimates.
For this reason, maximizing clock source amplitudes at the ADC clock inputs is recommended, though not
required (faster slope is desirable for jitter-related SNR). For more information on clocking high-speed ADCs, see
Application Note SLWA034, Implementing a CDC7005 Low Jitter Clock Solution For High-Speed, High-IF ADC
Devices. Recommended clock distribution chips (CDCs) are the TI CDC7005 and CDCM7005. Depending on the
jitter requirements, a band pass filter (BPF) is sometimes required between the CDC and the ADC. If the
insertion loss of the BPF causes the clock amplitude to be too low for the ADC, or the clock source amplitude is
too low to begin with, an inexpensive amplifier can be placed between the CDC and the BPF.
Figure 37 represents a scenario where an LVPECL output is used from a TI CDCM7005 with the clock signal
path optimized for maximum amplitude and minimum jitter. The jitter of this setup is difficult to estimate and
requires a careful phase noise analysis of the clock path. The BPF (and possibly a low-cost amplifier because of
insertion loss in the BPF) can improve the jitter between the CDC and ADC when the jitter provided by the CDC
is still not adequate. The total jitter at the CDCM7005 output depends heavily on the phase noise of the VCXO
selected. If it is determined that the jitter from the CDCM7005 with a VCXO is sufficient without further
conditioning, it is possible to clock the ADS5400 directly from the CDCM7005 using differential LVPECL outputs
(see the CDCM7005 data sheet for the exact schematic). A careful analysis of the required jitter and of the
components involved is recommended before determining the proper approach.
Figure 37. Clock Source Diagram
36
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com