Electronic Components Datasheet Search
  English  ▼

X  

CSD17313Q2 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17313Q2
Description  30V N-Channel NexFET??Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD17313Q2 Datasheet(HTML) 6 Page - Texas Instruments

  CSD17313Q2 Datasheet HTML 1Page - Texas Instruments CSD17313Q2 Datasheet HTML 2Page - Texas Instruments CSD17313Q2 Datasheet HTML 3Page - Texas Instruments CSD17313Q2 Datasheet HTML 4Page - Texas Instruments CSD17313Q2 Datasheet HTML 5Page - Texas Instruments CSD17313Q2 Datasheet HTML 6Page - Texas Instruments CSD17313Q2 Datasheet HTML 7Page - Texas Instruments CSD17313Q2 Datasheet HTML 8Page - Texas Instruments CSD17313Q2 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
M0175-02
D
1
1
3
3
4
4
6
6
b
Top View
Bottom View
Front View
Pin 1 Dot
Pin 1 ID
e
D1
K3
K1
D2
K2
2
5
2
5
7
Pinout
Source
4, 7
Gate
3
Drain
1, 2, 5, 6, 8
8
CSD17313Q2
SLPS260A – MARCH 2010 – REVISED MARCH 2010
www.ti.com
MECHANICAL DATA
Q2 Package Dimensions
MILLIMETERS
INCHES
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.700
0.750
0.800
0.028
0.030
0.032
A1
0.000
0.050
0.000
0.002
b
0.250
0.300
0.350
0.010
0.012
0.014
C
0.203 TYP
0.008 TYP
D
2.000 TYP
0.080 TYP
D1
0.900
0.950
1.000
0.036
0.038
0.040
D2
0.300 TYP
0.012 TYP
E
2.000 TYP
0.080 TYP
E1
0.900
1.000
1.100
0.036
0.040
0.044
E2
0.280 TYP
0.0112 TYP
E3
0.470 TYP
0.0188 TYP
e
0.650 BSC
0.026 TYP
K
0.280 TYP
0.0112 TYP
K1
0.350 TYP
0.014 TYP
K2
0.200 TYP
0.008 TYP
K3
0.200 TYP
0.008 TYP
K4
0.470 TYP
0.0188 TYP
L
0.200
0.25
0.300
0.008
0.010
0.012
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com