Electronic Components Datasheet Search
  English  ▼

X  

TPS92001D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92001D
Description  GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92001D Datasheet(HTML) 3 Page - Texas Instruments

  TPS92001D Datasheet HTML 1Page - Texas Instruments TPS92001D Datasheet HTML 2Page - Texas Instruments TPS92001D Datasheet HTML 3Page - Texas Instruments TPS92001D Datasheet HTML 4Page - Texas Instruments TPS92001D Datasheet HTML 5Page - Texas Instruments TPS92001D Datasheet HTML 6Page - Texas Instruments TPS92001D Datasheet HTML 7Page - Texas Instruments TPS92001D Datasheet HTML 8Page - Texas Instruments TPS92001D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TPS92001, TPS92002
www.ti.com
SLUSA24 – FEBRUARY 2010
ELECTRICAL CHARACTERISTICS
VVDD = 12 V, CREF = 0.47-mF, TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY SECTION
VDD
Supply clamp
IVDD = 10 mA
16
17.5
19
V
IVDD
Supply current
No Load
600
900
µA
IVDD
Supply current startup(1)
110
µA
TPS92001
110
125
Supply current standby
VVDD = Start threshold – 300 mv
µA
TPS92002
130
170
UNDERVOLTAGE LOCKOUT SECTION
TPS92001
9.4
10.4
Start threshold
TPS92002
14.0
15.6
V
TPS92001
1.65
UVLO hysteresis
TPS92002
6.2
VOLTAGE REFERENCE SECTION
Output voltage
IREF = 0 mA
4.75
5
5.25
V
Line regulation
10 V
≤ VVDD ≤ 15 V
2
mV
Load regulation
0 mA
≤ IREF ≤ 5 mA
2
mV
COMPARATOR SECTION
ICS
Current sense
Output OFF
-100
nA
Comparator threshold
0.9
0.95
1
V
GDDLY
GD propagation delay (No Load)
0.8 V
≤ VCS ≤ 1.2 V at TR = 10 ns
50
100
ns
SOFT START SECTION
VVDD = 16 V, VSS = 0 V, -40°C ≤ TA ≤ 85°C
-4.9
-7.0
-9.1
µA
ISS
Soft-start current
VVDD = 16 V, VSS = 0 V, -40°C ≤ TA ≤ 85°
-4.9
-7.0
-10.0
µA
VSS
Low-level output voltage
VVDD = 7.5 V, ISS = 200 µA
0.2
V
Shutdown threshold
0.44
0.48
0.52
V
OSCILLATOR SECTION
RRTC = 10 kΩ, RRTD = 4.32 kΩ, CCT =
Switching frequency
90
100
110
kHz
820pF
Frequency change with voltage
10 V
≤ VVDD ≤ 15 V
0.1
%/V
VCT(peak)
Timing capacitor peak voltage
3.33
V
VCT(valley) Timing capacitor valley voltage
1.67
V
VCT(p-p)
Timing capacitor peak-to-peak voltage
1.54
1.67
1.80
V
GATE DRIVE SECTION
Power driver VSAT low
IGD = 80 mA (dc)
0.8
1.5
V
Power driver VSAT high
IGD = -40 mA (dc), (VVDD – VGD)
0.8
1.5
V
Power driver low-voltage during UVLO
IGD = 20 mA (dc)
1.5
V
DMIN
Minimum duty cycle
VCS = 2 V
0%
DMAX
Maximum duty cycle
70%
tRISE
Rise Time
CGD = 1nF
35
ns
tFALL
Fall Time
CGD = 1nF
18
ns
(1)
Specified by design. Not production tested.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS92001 TPS92002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com