Electronic Components Datasheet Search
  English  ▼

X  

TPS92002D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92002D
Description  GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92002D Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS92002D Datasheet HTML 6Page - Texas Instruments TPS92002D Datasheet HTML 7Page - Texas Instruments TPS92002D Datasheet HTML 8Page - Texas Instruments TPS92002D Datasheet HTML 9Page - Texas Instruments TPS92002D Datasheet HTML 10Page - Texas Instruments TPS92002D Datasheet HTML 11Page - Texas Instruments TPS92002D Datasheet HTML 12Page - Texas Instruments TPS92002D Datasheet HTML 13Page - Texas Instruments TPS92002D Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
T
J – Junction Temperature – °C
–50
–25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
TPS92001
UVLO On
TPS92002
UVLO On
UVLO Off
40
0
80
180
–50
–25
0
25
50
75
100
125
20
60
120
100
160
140
TPS92001
TPS92002
T
J – Junction Temperature – °C
1
1000
100
C
CT – Timing Capacitance – pF
100
1000
10000
R
RTC = 10 kW
R
RTD = 4.32 kW
90
105
110
100
95
–50
–25
0
25
50
75
100
125
T
J – Junction Temperature – °C
TPS92001, TPS92002
SLUSA24 – FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS
VDD STANDBY CURRENT
UNDERVOLTAGE LOCKOUT THRESHOLD
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 5.
Figure 6.
OSCILLATOR FREQUENCY
OVERVOLTAGE PROTECTION THRESHOLD
vs
vs
JUNCTION TEMPERATURE
TEMPERATURE
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS92001 TPS92002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com