Electronic Components Datasheet Search
  English  ▼

X  

BA4558F Datasheet(PDF) 13 Page - Rohm

Part # BA4558F
Description  Operational Amplifiers: Low Noise
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558F Datasheet(HTML) 13 Page - Rohm

Back Button BA4558F Datasheet HTML 9Page - Rohm BA4558F Datasheet HTML 10Page - Rohm BA4558F Datasheet HTML 11Page - Rohm BA4558F Datasheet HTML 12Page - Rohm BA4558F Datasheet HTML 13Page - Rohm BA4558F Datasheet HTML 14Page - Rohm BA4558F Datasheet HTML 15Page - Rohm BA4558F Datasheet HTML 16Page - Rohm BA4558F Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Technical Note
BA4558F,BA4560F,BA4558RF/FV/FVM,BA4560RF/FV/FVM,BA4580RF/FVM,
BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
13/33
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
.
○
BA4560R family
(*) The above data is ability value of sample, it is not guaranteed.
-6
-4
-2
0
2
4
6
±2
±4
±6
±8
±10
±12
±14
±16
SUPPLY VOLTAGE [V]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
-6
-4
-2
0
2
4
6
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
0
20
40
60
80
100
120
140
160
180
200
±2
±4
±6
±8
±10
±12
±14
±16
SUPPLY VOLTAGE [V]
-20
-15
-10
-5
0
5
10
15
20
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
-20
-15
-10
-5
0
5
10
15
20
0.1
1
10
LOAD RESISTANCE [kΩ]
-40℃
105℃
25℃
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
-40℃
25℃
105℃
±4V
±7.5V
±15V
±15V
±7.5V
±4V
0
5
10
15
20
25
30
0.1
1
10
LOAD RESISTANCE [kΩ]
VOH
BA4560RF
25℃
105℃
-40℃
±4 V
±15V
±7.5 V
-20
-15
-10
-5
0
5
10
15
20
±4
±6
±8
±10
±12
±14
±16
SUPPLY VOLTAGE [V]
VOH
VOH
-20
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
25
OUTPUT CURRENT [mA]
VOL
VOL
VOL
VOL
VOH
BA4560RFVM
BA4560RFV
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
Input Offset Voltage – Supply Voltage
(Vicm=0[V],Vout=0[V])
Derating Curve
Input Offset Voltage – Ambient Temperature
(Vicm=0[V],Vout=0[V])
Input Bias Current – Ambient Temperature
(Vicm=0[V],Vout=0[V])
Input Bias Current – Supply Voltage
(Vicm=0[V],Vout=0[V])
Maximum Output Voltage
– Load Resistance
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
Maximum Output Voltage Swing
– Load Resistance
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
Supply Current – Supply Voltage
Supply Current – Ambient Temperature
Maximum Output Voltage
– Supply Voltage
(RL=2[kΩ],Ta=25[℃])
Maximum Output Voltage
– Ambient Temperature
(VCC/VEE=+15[V]/-15[V],RL=2[kΩ])
Maximum Output Voltage
– Output Current
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
Fig. 67
Fig. 68
Fig. 69
Fig. 70
Fig. 71
Fig. 72
Fig. 73
Fig. 74
Fig. 75
Fig. 76
Fig. 77
Fig. 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com