Electronic Components Datasheet Search
  English  ▼

X  

BA4558FVM Datasheet(PDF) 23 Page - Rohm

Part # BA4558FVM
Description  Operational Amplifiers: Low Noise
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558FVM Datasheet(HTML) 23 Page - Rohm

Back Button BA4558FVM Datasheet HTML 19Page - Rohm BA4558FVM Datasheet HTML 20Page - Rohm BA4558FVM Datasheet HTML 21Page - Rohm BA4558FVM Datasheet HTML 22Page - Rohm BA4558FVM Datasheet HTML 23Page - Rohm BA4558FVM Datasheet HTML 24Page - Rohm BA4558FVM Datasheet HTML 25Page - Rohm BA4558FVM Datasheet HTML 26Page - Rohm BA4558FVM Datasheet HTML 27Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Technical Note
BA4558F,BA4560F,BA4558RF/FV/FVM,BA4560RF/FV/FVM,BA4580RF/FVM,
BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
23/33
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
-4
-3
-2
-1
0
1
2
3
4
±1.0
±1.5
±2.0
±2.5
±3.0
±3.5
±4.0
SUPPLY VOLTAGE [V]
-3
-2
-1
0
1
2
3
0.1
1
10
100
1000
10000
LOAD RESISTANCE [kΩ]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.4
0.8
1.2
1.6
2
OUTPUT SOURCE CURRENT [mA]
-3
-2
-1
0
1
2
3
-50
-25
0
255075
100
AMBIENT TEMPERATURE [℃]
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
024
68
10
OUTPUT SINK CURRENT [mA]
0
2
4
6
8
10
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
-20°C
VOL
VOH
VOL
VOH
VOL
VOH
VOH
VOL
○
BA4510 family
(*) The above data is ability value of sample, it is not guaranteed.
0
200
400
600
800
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
Maximum Output Voltage– Output Source
Current (VCC/VEE=2.5[V]/-2.5[V],Ta=25[℃])
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
±1.0
±1.5
±2.0
±2.5
±3.0
±3.5
±4.0
SUPPLY VOLTAGE [V]
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
±1.5V
±2.5V
±3.5V
BA4510 family
0
2
4
6
8
10
02
4
6
8
SUPPLY VOLTAGE [V]
75℃
25℃
-20℃
BA4510 family
Output Voltage – Load Resistance
(VCC/VEE=2.5[V]/-2.5[V],Ta=25[℃])
BA4510F
BA4510 family
Maximum Output Voltage
– Supply Voltage
(RL=10[kΩ],Ta=25[℃])
Maximum Output Voltage– Output Sink
Current (VCC/VEE=2.5[V]/-2.5[V],Ta=25[℃])
Input Offset Voltage – Supply Voltage
(Vicm=0[V],Vout=0[V])
3V
7V
5V
BA4510 family
75°C
-20°C
25°C
BA4510 family
BA4510 family
BA4510 family
Input Offset Voltage – Ambient Temperature
(Vicm=0[V],Vout=0[V])
0
50
100
150
200
250
300
±1.0
±1.5
±2.0
±2.5
±3.0
±3.5
±4.0
SUPPLY VOLTAGE [V]
75°C
25°C
BA4510 family
Input Bias Current – Supply Voltage
(Vicm=0[V],Vout=0[V])
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
±3.5V
±2.5V
±1.5V
BA4510 family
Input Bias Current – Ambient Temperature
(Vicm=0[V],Vout=0[V])
BA4510 family
BA4510 family
Maximum Output Voltage
– Ambient Temperature
(VCC/VEE=2.5[V]/-2.5[V],RL=10[kΩ])
BA4510 family
BA4510FV
Derating Curve
Supply Current – Supply Voltage
Supply Current – Ambient Temperature
Fig. 177
Fig. 178
Fig. 179
Fig. 180
Fig. 181
Fig. 182
Fig. 183
Fig. 184
Fig. 185
Fig. 186
Fig. 187
Fig. 188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com