Electronic Components Datasheet Search
  English  ▼

X  

D313 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # D313
Description  NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

D313 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  D313 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SD313
NPN EPITAXIAL SILICON TRANSISTOR
LOW FREQUENCY POWER AMPLIFIER
! Complement to 2SB507
TO-220
ABSOLUTE MAXIMUM RATINGS (TA=25
oC)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base voltage
Collector Current (DC)
Collector Dissipation (Tc=25
oC)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
60
60
7
3
30
150
-50~150
V
V
V
A
W
o
C
oC
ELECTRICAL CHARACTERISTICS (T
A=25
oC)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Cutoff Current
Emitter Cutoff Current
DC Current Gain
Collector- Emitter Saturation Voltage
Current Gain Bandwidth Product
ICBO
IEBO
hFE1
VCE(sat)
fT
VCB= 60V , IE=0
VEB= 7V ,
IC=0
VCE= 2V ,
IC=1A
IC=2A ,
IB=0.2A
VCE= 5V ,
IC=0.5A
40
8
100
100
320
1.0
µA
µA
Wing Shing Computer Components Co., (H.K)Ltd.
TeL(852)2341 9276 Fax:(852)2797 8153
.
Homepage: http:/ /www.wingshing.com
e_ mail:wsccltd@hkstar.com
MHZ
V


Similar Part No. - D313

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
D313 UTC-D313 Datasheet
92Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
D313 UTC-D313 Datasheet
135Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Savantic, Inc.
D313 SAVANTIC-D313 Datasheet
101Kb / 3P
Silicon NPN Power Transistors
logo
Unisonic Technologies
D313 UTC-D313 Datasheet
49Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Inchange Semiconductor ...
D313 ISC-D313 Datasheet
93Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - D313

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SC1061 WINGS-2SC1061 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC1454 WINGS-2SC1454 Datasheet
66Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC1827 WINGS-2SC1827 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC2233 WINGS-2SC2233 Datasheet
65Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD1437 WINGS-2SD1437 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD235 WINGS-2SD235 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD526 WINGS-2SD526 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD613 WINGS-2SD613 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD880 WINGS-2SD880 Datasheet
28Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD288 WINGS-2SD288 Datasheet
33Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com