Electronic Components Datasheet Search
  English  ▼

X  

BA4560FVM Datasheet(PDF) 27 Page - Rohm

Part # BA4560FVM
Description  Operational Amplifiers: Low Noise
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4560FVM Datasheet(HTML) 27 Page - Rohm

Back Button BA4560FVM Datasheet HTML 23Page - Rohm BA4560FVM Datasheet HTML 24Page - Rohm BA4560FVM Datasheet HTML 25Page - Rohm BA4560FVM Datasheet HTML 26Page - Rohm BA4560FVM Datasheet HTML 27Page - Rohm BA4560FVM Datasheet HTML 28Page - Rohm BA4560FVM Datasheet HTML 29Page - Rohm BA4560FVM Datasheet HTML 30Page - Rohm BA4560FVM Datasheet HTML 31Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Technical Note
BA4558F,BA4560F,BA4558RF/FV/FVM,BA4560RF/FV/FVM,BA4580RF/FVM,
BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
27/33
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Schematic diagram
●
Test circuit1 NULL method
VCC,VEE,EK,Vicm Unit : [V], Vicm=0[V] For all parameter
Parameter
VF
S1
S2
S3
(*23)
BA4558/BA4558R
BA4560/BA4560R
BA4580R
BA15218/BA14741
BA15532
BA4510
BA2115
Calculation
Vcc VEE
EK
Vcc VEE EK
Vcc
VEE EK
Vcc
VEE
EK
Vcc
VEE
EK
Input Offset Voltage
VF1
ON
ON
OFF
15
-15
0
15
-15
0
15
-15
0
2.5
2.5
0
2.5
2.5
0
1
Input Offset Current
VF2
OFF
OFF
OFF
15
-15
0
15
-15
0
15
-15
0
2.5
2.5
0
2.5
2.5
0
2
Input Bias Current
VF3
OFF
ON
OFF
15
-15
0
15
-15
0
15
-15
0
2.5
2.5
0
2.5
2.5
0
3
VF4
ON
OFF
15
-15
0
15
-15
0
15
-15
0
2.5
2.5
0
2.5
2.5
0
Large Signal
Voltage Gain
VF5
ON
ON
ON
15
-15
-10
15
-15
-10
15
-15
-10
2.5
2.5
-1.0
2.5
2.5
-1.0
4
VF6
15
-15
10
15
-15
10
15
-15
10
2.5
2.5
1.0
2.5
2.5
1.0
Common-mode
Rejection Ratio
(Input Common-mode
Voltage Range)
VF7
ON
ON
OFF
3
-27
12
3
-27
12
3
-27
12
1.5
1.5
-1.0
1.5
1.5
-1.0
5
VF8
27
-3
-12
27
-3
-12
27
-3
-12
3.5
3.5
1.0
3.5
3.5
1.0
Power Supply
Rejection Ratio
VF9
ON
ON
OFF
4
-4
0
2
-2
0
3
-3
0
1.25 -1.25
0
0.75
-1.25
0
6
VF10
15
-15
0
16
-16
0
20
-20
0
3.0
-3.0
0
7.0
7.0
0
(*23) S3 is always ON for BA15532.
-Calculation-
1.
Input Offset Voltage (Vio)
2.
Input Offset Current (Iio)
3.
Input Bias Current (Ib)
4.
Large Signal Voltage Gain (Av)
5.
Common-mode Rejection Ratio (CMRR)
6.
Power Supply Rejection Ratio (PSRR)
Fig. 224 Simplified schematic (BA4558/BA4558R/BA15218/
Fig. 228 Test circuit 1 (one channel only)
VCC
C2
0.1[μF]
Rf
50[kΩ]
S1
Ri
Rs
10[kΩ]
50[Ω]
10[kΩ]
50[Ω]
Ri
Rs
S2
RL
S3
1000[pF]
C3
500[kΩ]
500[kΩ]
0.1[μF]
RK
EK
RK
C1
+15[V]
-15[V]
NULL
V VF
DUT
VEE
Vicm
Fig. 225 Simplified schematic (BA14741)
Fig. 226 Simplified schematic (BA15532)
Δ
EK×(1+Rf /Rs)
Av = 20×Log
|VF5-VF6|
[dB]
ΔVicm×(1+Rf /Rs)
CMRR = 20×Log
|VF8-VF7|
[dB]
ΔVcc×(1+Rf /Rs)
PSRR = 20×Log
|VF10-VF9|
[dB]
| VF1 |
Vio =
1 + Rf / Rs
[V]
| VF2-VF1 |
Iio =
Ri ×(1 + Rf / Rs)
[A]
| VF4-VF3 |
Ib =
2×Ri× (1 + Rf / Rs)
[A]
-IN
+IN
VOUT
VCC
VEE
-IN
+IN
VOUT
VCC
VEE
-IN
+IN
VCC
VEE
VOUT
Fig. 227 Simplified schematic (BA4510/BA2115)
-IN
+IN
VOUT
VCC
VEE
BA4560/BA4560R/BA4580R)
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com