Electronic Components Datasheet Search
  English  ▼

X  

BA5417 Datasheet(PDF) 2 Page - Rohm

Part # BA5417
Description  5W5W Stereo Speaker Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5417 Datasheet(HTML) 2 Page - Rohm

  BA5417 Datasheet HTML 1Page - Rohm BA5417 Datasheet HTML 2Page - Rohm BA5417 Datasheet HTML 3Page - Rohm BA5417 Datasheet HTML 4Page - Rohm BA5417 Datasheet HTML 5Page - Rohm BA5417 Datasheet HTML 6Page - Rohm BA5417 Datasheet HTML 7Page - Rohm BA5417 Datasheet HTML 8Page - Rohm BA5417 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/8
●Absolute maximum ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
BA5406
BA5417
Supply voltage
Vcc
18 *
1
20 *
1
V
Power dissipation
Pd
20 *
2
15 *
3
W
Operating temperature
Topr
-20~+75
-20~+75
°C
Storage temperature
Tstg
-30~+125
-55~+150
°C
*1 When no signal
*2 Back metal temperature 75°C
*3 Ta=75°C (Using infinite heatsink)
●Operating range (Ta=25°C)
Parameter
Symbol
Limits
Unit
BA5406
BA5417
Supply voltage
VCC
5.0~15.0
6.0~15.0
V
●Electrical characteristics (BA5406 : Unless otherwise noted, Ta=25°C, Vcc=12V)
(BA5417 : Unless otherwise noted, Ta=25°C, Vcc=9V)
Parameter
Symbol
BA5406
BA5417
Unit.
Conditions
Quiescent current
IO
40
22
mA
VIN=0Vms
Rated output power
POUT
5.0
5.0
W
THD=10%,Ta=12V,
RL=32Ω
Closed loop voltage gain
GVC
46
45
dB
―
Output noise voltage
VNO
0.6
0.3
mVrms
Rg=10kΩ, DIN-Audio
Total harmonic distortion
THD
0.3
0.1
%
POUT=0.5W, f=1kHz
Ripple rejection
RR
―
55
dB
fRR=100Hz,VRR=-10dBm
Crosstalk
CT
―
65
dB
VO=0dBm
Standby current
IOFF
―
0
μ
A
―
Standby pin input current
ISIN
―
0.15
mA
VSTBY=VCC
Standby pin
control voltage
Activated
VSTH
―
3.5~Vcc
V
―
Not
Activated
VSTL
―
0~1.2
V
―
* Note: This IC is not designed to be radiation-resistant.
●Cautions on use
1.
Numbers and data in entries are representative design values and are not guaranteed values of the items.
2.
Although ROHM is confident that the example application circuit reflects the best possible recommendations, be sure to
verify circuit characteristics for your particular application. Modification of constants for other externally connected circuits
may cause variations in both static and transient characteristics for external components as well as this Rohm IC. Allow
for sufficient margins when determining circuit constants.
3.
Absolute maximum ratings
Use of the IC in excess of absolute maximum ratings, such as the applied voltage or operating temperature range
(Topr), may result in IC damage. Assumptions should not be made regarding the state of the IC (short mode or open
mode) when such damage is suffered. A physical safety measure, such as a fuse, should be implemented when using
the IC at times where the absolute maximum ratings may be exceeded.
4.
GND potential
Ensure a minimum GND pin potential in all operating conditions. Make sure that no pins are at a voltage below the
GND at any time, regardless of whether it is a transient signal or not.
5.
Thermal design
Perform thermal design, in which there are adequate margins, by taking into account the permissible dissipation (Pd)
in actual states of use.
6.
Short circuit between terminals and erroneous mounting
Pay attention to the assembly direction of the ICs. Wrong mounting direction or shorts between terminals, GND, or other
components on the circuits, can damage the IC.
7.
Operation in strong electromagnetic field
Using the ICs in a strong electromagnetic field can cause operation malfunction.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com