Electronic Components Datasheet Search
  English  ▼

X  

BA6246 Datasheet(PDF) 2 Page - Rohm

Part # BA6246
Description  Reversible motor drivers (for two motors series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6246 Datasheet(HTML) 2 Page - Rohm

  BA6246 Datasheet HTML 1Page - Rohm BA6246 Datasheet HTML 2Page - Rohm BA6246 Datasheet HTML 3Page - Rohm BA6246 Datasheet HTML 4Page - Rohm BA6246 Datasheet HTML 5Page - Rohm BA6246 Datasheet HTML 6Page - Rohm BA6246 Datasheet HTML 7Page - Rohm BA6246 Datasheet HTML 8Page - Rohm BA6246 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Technical Note
2/15
BA6246, BA6246N, BA6247FP-Y, BA6239A, BA6238A, BA6238AN
www.rohm.com
2009.04 - Rev.A
○
c
2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristics (BA6246, unless otherwise specified, Ta=25°C and VCC1=VCC2=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current
ICC
-
7
15
mA
IN1, IN2, IN3=OPEN
Input threshold voltage H
VIH
3.5
-
-
V
Input threshold voltage L
VIL
-
-
1.0
V
Output voltage H
VOH
10
10.5
-
V
IO=0.5A, VR=OPEN
Output voltage L
VOL
-
0.9
1.5
V
IO=0.5A
Output leak current
IOL
-
-
1
mA
IN1, IN2, IN3=L, VCC2 current
Output offset voltage
VOFS
-0.5
0
0.5
V
VR=6V, IO=0.5A, VOH-VR
VR bias current
I8
0.5
0.8
1.6
mA
VR=6V, IO=0.5A
Electrical characteristics (BA6246N, unless otherwise specified, Ta=25°C and VCC1=VCC2=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current
ICC
-
7
15
mA
IN1, IN2, IN3=OPEN
Input threshold voltage H
VIH
3.5
-
-
V
Input threshold voltage L
VIL
-
-
1.0
V
Output voltage H
VOH
10
10.5
-
V
IO=0.5A, VR=OPEN
Output voltage L
VOL
-
0.9
1.5
V
IO=0.5A
Output leak current
IOL
-
-
1
mA
IN1, IN2, IN3=L, VCC2 current
Output offset voltage
VOFS
-0.5
0
0.5
V
VR=6V, IO=0.5A, VOH-VR
VR bias current
I8
0.5
0.8
1.6
mA
VR=6V, IO=0.5A
Electrical characteristics (BA6247FP-Y, unless otherwise specified, Ta=25°C and VCC1=VCC2=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current
ICC
-
10
20
mA
IN1, IN2, IN3=L
Input threshold voltage H
VIH
3.5
-
-
V
Input threshold voltage L
VIL
-
-
1.0
V
Output voltage H
VOH
10
10.5
-
V
IO=0.5A, VR=OPEN
Output voltage L
VOL
-
0.9
1.5
V
IO=0.5A
Output leak current
IOL
-
-
1
mA
IN1, IN2, IN3=L, VCC2 current
Output offset voltage
VOFS
-0.5
0
0.5
V
VR=6V, IO=0.5A, VOH-VR
VR bias current
I8
0.5
0.8
1.6
mA
VR=6V, IO=0.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com