Electronic Components Datasheet Search
  English  ▼

X  

533-1187 Datasheet(PDF) 2 Page - CAMBION Electronic Components

Part # 533-1187
Description  Coil Form, Shielded, Vertical, .192 (4,88) Winding Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

533-1187 Datasheet(HTML) 2 Page - CAMBION Electronic Components

  533-1187 Datasheet HTML 1Page - CAMBION Electronic Components 533-1187 Datasheet HTML 2Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C
C
C
CAMBION
AMBION
AMBION
AMBION ââââ
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright Cambionâ Wednesday, 07 November 2001
Page 2 of 2
How to order code
533-1187-XX-YY-00
Basic Part No (XX = Frequency Range, YY = Termination Layout)
Operating Frequencies and Materials
Basic Part # (XX)
Recommended Oper.
Freq. (MHz)
Core Material
Core Colour Code
-01
.2 - 1.5
Carbonyl C
Yellow
-02
1.0 - 20.0
Carbonyl E
Red
-03
20.0 - 50.0
Carbonyl J
Green
-04
50.0 - 200.0
122865A
White
-06
2.0 - 40.0
Carbonyl TH
Purple
533-1187
-07
40.0 - 300.0
Carbonyl SF
Blue
TERMINATION LAYOUT
(YY)
Terminal Count
Layout
-03
4
Per above drawing, less centre terminal
-04
5
Per above drawing
MATERIAL SPECIFICATIONS
Component
Material
Finish
Coil Form
Polyester Glass
-
Mounting Pin
Brass
Hard Gold over Copper
Terminal Base
Board
GSG Fibreglass
Silicone Impregnated
Tuning Core
Powdered Iron
Moisture Proofed
Cup Core
Powdered Iron
Moisture Proofed
Can
Brass
Cadmium + Coloured Chromate
Temperature Range: -55
°°°°C to +125°°°°C
Tolerance unless otherwise stated
± .005 (0,13)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com