Electronic Components Datasheet Search
  English  ▼

X  

BA7653AF Datasheet(PDF) 5 Page - Rohm

Part # BA7653AF
Description  Single Circuit Video Signal Switcher
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7653AF Datasheet(HTML) 5 Page - Rohm

  BA7653AF Datasheet HTML 1Page - Rohm BA7653AF Datasheet HTML 2Page - Rohm BA7653AF Datasheet HTML 3Page - Rohm BA7653AF Datasheet HTML 4Page - Rohm BA7653AF Datasheet HTML 5Page - Rohm BA7653AF Datasheet HTML 6Page - Rohm BA7653AF Datasheet HTML 7Page - Rohm BA7653AF Datasheet HTML 8Page - Rohm BA7653AF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/8
Pin descriptions 2/2 (BA7653AF/53AFV/52AF)
BA7653AF/53AFV/52AF
Pin No.
Pin name
DC voltage
Vcc=5V
Input/output
impedance
Equivalent circuit
1
(3)
(5)
IN1
(IN2)
(IN3)
1.65V
10M
or more
2
CTLa
4
CTLb
6
Vcc
5.0V
7
OUT
0.95V
26
8
GND
0V
IN1
(IN2)
(IN3)
CTLa



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com