Electronic Components Datasheet Search
  English  ▼

X  

BH7659FS Datasheet(PDF) 1 Page - Rohm

Part # BH7659FS
Description  Broadband Triple Circuits Video Signal Switchers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7659FS Datasheet(HTML) 1 Page - Rohm

  BH7659FS Datasheet HTML 1Page - Rohm BH7659FS Datasheet HTML 2Page - Rohm BH7659FS Datasheet HTML 3Page - Rohm BH7659FS Datasheet HTML 4Page - Rohm BH7659FS Datasheet HTML 5Page - Rohm BH7659FS Datasheet HTML 6Page - Rohm BH7659FS Datasheet HTML 7Page - Rohm BH7659FS Datasheet HTML 8Page - Rohm BH7659FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TECHNICAL NOTE
High-performance Video Signal Switchers
Broadband Triple Circuits
Video Signal Switchers
BA7657S/F, BH7659FS
●Description
The BA7657S, BA7657F, and BH7659FS are ICs that have been developed for use in PC monitors, HDTVs (high definition
televisions), and other high-resolution display devices. In addition to their wide-range switching circuits for RGB signals,
HD signals, and VD signals, the BA7657S and BA7657F feature a separation (BUNRI) circuit for the synchronization signal that
is superposed on the G signal, while the BH7659FS features an on-chip switch for I
2C bus signals (SDA and SCL).
These ICs can be used to simplify the input block configuration in advanced display devices.
●Features
1) Operates on 5 V single power supply.
2) Built-in wide-range RGB signal switches.
(BA7657S/F: fc = 230 MHz)
(BH7659FS: fc = 250 MHz)
3) Built-in switching circuit for HD signal and VD signal.
4) Built-in separation (BUNRI) circuit for synchronization signal superposed on G signal. (BA7657S/F)
5) Built-in switch for I
2C bus signals (SDA and SCL). (BH7659FS)
6) Built-in power saving function. (BH7659FS)
●Use
PC monitors, Plasma displays, LCD monitors, and Other devices that use wide-range RGB signal switching.
●Lineup
Parameter
BA7657S/F
BH7659FS
Circuit current (mA)
35
25
Circuit current during low-power mode (mA)
―
14
RGB signal SW block frequency
characteristics (MHz)
230
250
Synchronization signal SW block circuit
configuration
2 digital switching circuits
4 CMOS analog switching circuits
Synchronization signal separation circuit
―
Package
SDIP24/SOP24
SSOP-A32
●Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
8.0
V
Power
dissipation
BA7657S
Pd
1200
mW
BA7657F
550
BH7659FS
800
Operating temperature
Topr
-25~+75
℃
Storage temperature
Tstg
-55~+125
℃
※
Deratings is done at 12mW/℃ (BA7657S), 5.5mW/℃ (BA7657F), 8mW/℃ (BA7659FS) above Ta=25℃.
●Operating Range(Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
※
This product is not designed for protection against radioactive rays.
Aug.2008


Similar Part No. - BH7659FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7659FS ROHM-BH7659FS Datasheet
130Kb / 13P
Input selector for high resolution displays
BH7659FS ROHM-BH7659FS Datasheet
264Kb / 5P
Broadband Triple Circuits Video Signal Switchers
More results

Similar Description - BH7659FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7603F ROHM-BA7603F Datasheet
148Kb / 5P
Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
160Kb / 5P
Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
153Kb / 5P
Triple Circuits Video Signal Switchers
BA7627FV ROHM-BA7627FV Datasheet
213Kb / 5P
Triple Circuits Video Signal Switchers
BH7659FS ROHM-BH7659FS Datasheet
264Kb / 5P
Broadband Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
165Kb / 5P
Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
159Kb / 5P
Triple Circuits Video Signal Switchers
BA7609F ROHM-BA7609F Datasheet
160Kb / 5P
Triple Circuits Video Signal, Audio Signal Switchers
BA7657F ROHM-BA7657F_1 Datasheet
211Kb / 6P
Broadband Triple Circuits Video Signal Switchers
BA7602F ROHM-BA7602F_08 Datasheet
883Kb / 9P
Triple Circuits Video Signal Switchers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com