Electronic Components Datasheet Search
  English  ▼

X  

APTDF100H601G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTDF100H601G
Description  Fast Diode Full Bridge Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTDF100H601G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTDF100H601G Datasheet HTML 1Page - Microsemi Corporation APTDF100H601G Datasheet HTML 2Page - Microsemi Corporation APTDF100H601G Datasheet HTML 3Page - Microsemi Corporation APTDF100H601G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APTDF100H601G
www.microsemi.com
1- 4
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VR
Maximum DC reverse Voltage
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
TC = 25°C
135 *
IF(AV)
Maximum Average Forward
Current
Duty cycle = 50%
TC = 80°C
100 *
IFSM
Non-Repetitive Forward Surge Current
8.3ms
TC = 45°C
500
A
* Specification of diode device but output current must be limited to 75A to not exceed a delta of temperature greater
than 30°C for the connectors.
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
5
3
6
CR2
CR1
1
2
4
CR4
CR3
10
8
79
All multiple inputs and outputs must be shorted together
3/4 ; 5/6 ; 7/8 ; 1/2 ; 9/10
Application
•
Uninterruptible Power Supply (UPS)
•
Induction heating
•
Welding equipment
•
High speed rectifiers
Features
•
Ultra fast recovery times
•
Soft recovery characteristics
•
High blocking voltage
•
High current
•
Low leakage current
•
Very low stray inductance
•
High level of integration
Benefits
•
Outstanding performance at high frequency
operation
•
Low losses
•
Low noise switching
•
Solderable terminals for easy PCB mounting
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
RoHS Compliant
Fast Diode Full Bridge
Power Module
VRRM = 600V
IC = 100A* @ Tc = 80°C


Similar Part No. - APTDF100H601G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTDF100H60 ADPOW-APTDF100H60 Datasheet
239Kb / 4P
Fast Diode Rectifier Bridge Power Module
logo
Microsemi Corporation
APTDF100H60G MICROSEMI-APTDF100H60G Datasheet
218Kb / 4P
Diode Full Bridge Power Module
More results

Similar Description - APTDF100H601G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT35DL120HJ MICROSEMI-APT35DL120HJ Datasheet
75Kb / 3P
ISOTOP Fast Diode Full Bridge Power Module
APT50DL120HJ MICROSEMI-APT50DL120HJ Datasheet
74Kb / 3P
ISOTOP Fast Diode Full Bridge Power Module
APT60DF20HJ MICROSEMI-APT60DF20HJ Datasheet
79Kb / 4P
ISOTOP Fast Diode Full Bridge Power Module
APT60DF100HJ MICROSEMI-APT60DF100HJ Datasheet
76Kb / 4P
ISOTOP Fast Diode Full Bridge Power Module
APT75DF170HJ MICROSEMI-APT75DF170HJ Datasheet
75Kb / 3P
ISOTOP Fast Diode Full Bridge Power Module
APTDF30H601G MICROSEMI-APTDF30H601G Datasheet
97Kb / 4P
Fast Diode Full Bridge Power Module
APTDF30H1201G MICROSEMI-APTDF30H1201G Datasheet
231Kb / 4P
Fast Diode Full Bridge Power Module
APTDF60H601G MICROSEMI-APTDF60H601G Datasheet
233Kb / 4P
Fast Diode Full Bridge Power Module
APTDF60H1201G MICROSEMI-APTDF60H1201G Datasheet
231Kb / 4P
Fast Diode Full Bridge Power Module
APTDF100H1201G MICROSEMI-APTDF100H1201G Datasheet
234Kb / 4P
Fast Diode Full Bridge Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com