Electronic Components Datasheet Search
  English  ▼

X  

2SD820 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # 2SD820
Description  SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

2SD820 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  2SD820 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL DESCRIPTION
Highvoltage,high-speed switching npn transistors in a
metal envelope , primarily for use in switching power
circuites of colour television receivers
QUICK REFERENCE DATA
LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
600
V
I
C
Collector current (DC)
-
5
A
I
CM
Collector current peak value
-
A
P
tot
Total power dissipation
T
mb
25
-
50
W
V
CEsat
Collector-emitter saturation voltage
I
C = 4.0A; IB = 0.8A
5
V
I
csat
Collector saturation current
f = 16KHz
-
A
V
F
Diode forward voltage
V
t
f
Fall time
I
Csat = 4.0A; f = 16KHz
1.0
s
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
600
V
I
C
Collector current (DC)
5
A
I
CM
Collector current peak value
-
A
I
B
Base current (DC)
-
1
A
I
BM
Base current peak value
-
A
P
tot
Total power dissipation
Tmb
25
-
50
W
T
stg
Storage temperature
-55
150
T
j
Junction temperature
-
150
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
I
CE
Collector-emitter cut-off current
V
BE = 0V; VCE = VCESMmax
-
0.1
mA
I
CES
V
BE = 0V; VCE = VCESMmax
-
0.2
mA
T
j = 125
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0A; IC = 100mA
-
V
L = 25mH
V
CEsat
Collector-emitter saturation voltages
I
C = 4.0A; IB = 0.8A
-
5
V
V
BEsat
Base-emitter satuation voltage
I
C = 4.0A; IB = 0.8A
-
1.5
V
h
FE
DC current gain
I
C = 1.0A; VCE = 5V
8
40
V
F
Diode forward voltage
V
f
T
Transition frequency at f = 1MHz
I
C =1.0A; VCE = 10V
1.0
-
MHz
C
c
Collector capacitance at f = 1MHz
V
CB = 10V
165
pF
t
s
Switching times(16KHz line deflecton circuit)
I
C=4.0A,IB1=-IB2=0.8A,VCC=105V
-
s
t
f
Turn-off storage time Turn-off fall time
IC=4.0A,IB1=-IB2=0.8A,VCC=105V
1.0
s
ELECTRICAL CHARACTERISTICS
TO-3
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
2SD820
SILICON DIFFUSED POWER TRANSISTOR


Similar Part No. - 2SD820

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SD820 SAVANTIC-2SD820 Datasheet
109Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD820 ISC-2SD820 Datasheet
128Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SD820

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1650 WINGS-2SD1650 Datasheet
86Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
2SD1878 WINGS-2SD1878 Datasheet
86Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
2SD1910 WINGS-2SD1910 Datasheet
100Kb / 1P
Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
2SD1911 WINGS-2SD1911 Datasheet
100Kb / 1P
Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
2SD2498 WINGS-2SD2498 Datasheet
97Kb / 1P
Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
2SD850 WINGS-2SD850 Datasheet
189Kb / 1P
Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
2SD870 WINGS-2SD870 Datasheet
192Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
BU508AF WINGS-BU508AF Datasheet
142Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
BU508D WINGS-BU508D Datasheet
84Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
BU508DF WINGS-BU508DF Datasheet
141Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com