Electronic Components Datasheet Search
  English  ▼

X  

BA10339F Datasheet(PDF) 13 Page - Rohm

Part # BA10339F
Description  Comparators: Ground Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10339F Datasheet(HTML) 13 Page - Rohm

Back Button BA10339F Datasheet HTML 9Page - Rohm BA10339F Datasheet HTML 10Page - Rohm BA10339F Datasheet HTML 11Page - Rohm BA10339F Datasheet HTML 12Page - Rohm BA10339F Datasheet HTML 13Page - Rohm BA10339F Datasheet HTML 14Page - Rohm BA10339F Datasheet HTML 15Page - Rohm BA10339F Datasheet HTML 16Page - Rohm BA10339F Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Technical Note
BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM,
BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN
13/19
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
S3
0.1[μF]
+15[V]
VF
-15[V]
RL
0.01[μF]
RK 500[kΩ]
500[kΩ]
Rf
Rs
50k
EK
NULL
DUT
Ri 10[kΩ]
V
S1
S2
Vicm
VRL
VCC
VEE
50[Ω]
Rs
50[Ω]
Ri 10[kΩ]
0.1[μF]
50[kΩ]
RK
C1
●
Circuit Diagram
●
Test Circuit1 Null Method
VCC,VEE,EK,Vicm Unit : [V], VRL=VCC
Parameter
VF
S1
S2
S3
BA10393/BA10339 family
BA2903S/BA2901S family
BA2903/BA2901 family
BA2903HFVM-C
Calculation
Vcc
GND
EK
Vicm
Vcc
GND
EK
Vicm
Input Offset Voltage
VF1
ON
ON
ON
5
0
-1.4
0
5~36
0
-1.4
0
1
Input Offset Current
VF2
OFF OFF
ON
5
0
-1.4
0
5
0
-1.4
0
2
Input Bias Current
VF3
OFF
ON
ON
5
0
-1.4
0
5
0
-1.4
0
3
VF4
ON
OFF
5
0
-1.4
0
5
0
-1.4
0
Large Signal Voltage Gain
VF5
ON
ON
ON
15
0
-1.4
0
15
0
-1.4
0
4
VF6
15
0
-11.4
0
15
0
-11.4
0
-Calculation-
1. Input Offset Voltage (Vio)
2. Input Offset Current (Iio)
3. Input Bias Current (Ib)
4. Large Signal Voltage Gain (AV)
Fig.87 Circuit Diagram (one channel only )
[V]
/Rs
Rf
1+
VF1
Vio 
/ Rs)
Rf
(1+
Ri
VF1
VF2 -
Iio 
[A]
Rf / Rs)
(1+
Ri
2×
VF3
VF4 -
Ib
[A]
Fig.88 Measurement circuit1 (one channel only)
+IN
-IN
VOUT
VCC
VEE
ΔEK×(1+Rf /Rs)
Av = 20×Log
|VF5-VF6|
[dB]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com