Electronic Components Datasheet Search
  English  ▼

X  

BA2902F Datasheet(PDF) 13 Page - Rohm

Part # BA2902F
Description  Operational Amplifiers: Ground Sense
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902F Datasheet(HTML) 13 Page - Rohm

Back Button BA2902F Datasheet HTML 9Page - Rohm BA2902F Datasheet HTML 10Page - Rohm BA2902F Datasheet HTML 11Page - Rohm BA2902F Datasheet HTML 12Page - Rohm BA2902F Datasheet HTML 13Page - Rohm BA2902F Datasheet HTML 14Page - Rohm BA2902F Datasheet HTML 15Page - Rohm BA2902F Datasheet HTML 16Page - Rohm BA2902F Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Technical Note
BA10358F/FV,BA10324AF/FV,BA2904SF/FV/FVM,BA2904F/FV/FVM,BA2904HFVM-C,
BA2902SF/FV/KN,BA2902F/FV/KN,BA3404F/FVM
13/24
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0.0
0.2
0.4
0.6
0.8
1.0
0
1020
3040
SUPPLY VOLTAGE [V]
0.0
0.2
0.4
0.6
0.8
1.0
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0.001
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
2
OUTPUT VOLTAGE [V]
0
10
20
30
-50 -25
0
25
50
75 100 125 150
AMBIENT TEMPERATURE [℃]
○
BA2902S/BA2902 family
(*)The data above is ability value of sample, it is not guaranteed.
Supply Current - Ambient Temperature
Output Sink Current
- Ambient Temperature (VOUT=VCC)
0
10
20
30
40
010
20
30
40
SUPPLY VOLTAGE [V]
0
1
2
3
4
5
-50 -25
0
25
50
75 100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
01234
5
OUTPUT VOLTAGE [V]
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERTURE [℃]
BA2902FV
BA2902KN
BA2902F
BA2902SFV
BA2902SKN
BA2902SF
25℃
125℃
-
40℃
3V
32V
5V
105℃
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
60
70
80
-50 -25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
25℃
-40℃
-40℃
25℃
105℃
15V
3V
5V
-40℃
25℃
105℃
3V
5V
15V
-40℃
125℃
25℃
32V
5V
3V
-40℃
25℃
125℃
100℃
105℃
105℃
125℃
125℃
105℃
BA2902S/BA2902 family
BA2902S/BA2902 family
BA2902S/BA2902 family
BA2902S/BA2902 family
BA2902S/BA2902 family
BA2902S/BA2902 family
BA2902S/BA2902 family
BA2902S/BA2902 family
BA2902S/BA2902 family
BA2902S/BA2902 family
BA2902S/BA2902 family
BA2902S/BA2902 family
Derating Curve
Supply Current - Supply Voltage
Output Source Current
- Output Voltage(VCC=5[V])
Output Source Current
- Ambient Temperature(VOUT=0[V])
Output Sink Current
- Output Voltage (VCC=5[V])
Low Level Sink Current
– Supply Voltage(VOUT=0.2[V])
Low Level Sink Current
– Ambient Temperature(VOUT=0.2[V])
Input Offset Voltage
- Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
Maximum Output Voltage
– Supply Voltage(RL=10[kΩ])
Maximum Output Voltage – Ambient
Temperature(VCC=5[V],RL=2[kΩ])
Fig. 73
Fig. 74
Fig. 75
Fig. 76
Fig. 77
Fig. 78
Fig. 79
Fig. 80
Fig. 81
Fig. 82
Fig. 83
Fig. 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com