Electronic Components Datasheet Search
  English  ▼

X  

550-8399 Datasheet(PDF) 2 Page - CAMBION Electronic Components

Part # 550-8399
Description  R F Choke, epoxy dipped, axial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

550-8399 Datasheet(HTML) 2 Page - CAMBION Electronic Components

  550-8399 Datasheet HTML 1Page - CAMBION Electronic Components 550-8399 Datasheet HTML 2Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Tuesday, 18 February 2003
Page 2 of 2
Tolerance
Basic
Part
No.
XX
Inductance
A
(%)
B
(%)
Q
Min.
Test
Freq.
(MHz)
DCR
Max.
(
Ω)
DC
Max.
(mA)
SRF
Min.
(MHz)
−26
12
µH
10
5
50
2.52
2.40
190
50.0
-27
15
µH
10
5
50
2.52
2.70
185
45.0
-28
18
µH
10
5
60
2.52
0.81
350
14.0
-29
22
µH
10
5
60
2.52
0.90
335
12.0
-30
27
µH
10
5
60
2.52
1.00
315
11.0
-31
33
µH
10
5
60
2.52
1.12
300
10.0
-32
39
µH
10
5
60
2.52
1.21
285
8.5
-33
47
µH
10
5
60
2.52
2.40
200
7.7
-34
56
µH
10
5
60
2.52
2.60
195
6.8
-35
68
µH
10
5
55
2.52
2.90
185
5.7
-36
82
µH
10
5
55
2.52
3.20
175
5.5
-37
mH10
10
5
50
2.52
3.50
170
5.3
-38
mH12
10
5
60
.790
3.80
160
5.0
-39
mH15
10
5
60
.790
4.30
150
4.6
-40
mH18
10
5
60
.790
5.30
135
4.2
-41
mH22
10
5
60
.790
5.80
130
3.8
-42
mH27
10
5
60
.790
7.80
115
3.2
-43
mH33
10
5
60
.790
8.70
105
3.0
-44
mH39
10
5
60
.790
11.00
95
2.7
-45
mH47
10
5
60
.790
12.00
90
2.3
-46
mH56
10
5
60
.790
16.50
75
2.2
-47
mH68
10
5
60
.790
22.00
65
2.0
-48
mH82
10
5
60
.790
25.00
60
1.8
550-8399
-49
1mΗ0
10
5
30
.790
33.00
55
1.5
TOLERANCE (YY)
-02
Tol % A
-01
Tol % B
-02 - Standard, others made to order
PACKAGING (ZZ)
-00
Loose
-36
Taped (3,500 / reel)
Temperature range: -55
°C το +105°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com