Electronic Components Datasheet Search
  English  ▼

X  

78L15 Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # 78L15
Description  Positive-Voltage Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

78L15 Datasheet(HTML) 2 Page - Wing Shing Computer Components

  78L15 Datasheet HTML 1Page - Wing Shing Computer Components 78L15 Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNIT
Input voltage VI
V
Input voltage, VI
V
°C
Virtual junction temperature range, TJ
150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Storage temperature range, Tstg
–65 to 150
MIN
MAX
UNIT
Input voltage VI
Input voltage, VI
Output current, IO
100
mA
Operating virtual junction temperature, TJ
0
°C
gj
J
70
PARAMETER
absolute maximum ratings over operating temperature range (unless othewise noted)
2-2
V
recommended operating conditions
9
9
90um
90um
85um
90um
95um
100um
1
2
3
Pad Location 78L15
Chip size 1.0 x 1.2 mm
Pad N
1
2
3
Y (um)
X (um)
Pad Name
Input
Output
Ground
95
820
535
100
1010
1015
WS
78L15
78L15
78L15
30
35
17.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com