Electronic Components Datasheet Search
  English  ▼

X  

558-1192 Datasheet(PDF) 2 Page - CAMBION Electronic Components

Part # 558-1192
Description  Variable Coil, Shielded, Vertical, .080關H thru 1.20m?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

558-1192 Datasheet(HTML) 2 Page - CAMBION Electronic Components

  558-1192 Datasheet HTML 1Page - CAMBION Electronic Components 558-1192 Datasheet HTML 2Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C
C
C
CAMBION
AMBION
AMBION
AMBION ââââ
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright Cambionâ Tuesday, 06 November 2001
Page 2 of 2
How to order code
558-1192-XX-00-00
Basic Part No (XX = Inductance range identifier. See table for options)
Inductance L (
µµµµH)
Basic
Part
No.
XX
Min.
Max.
Q Min.
@
L Min
Q Min.
@
L Max
Test
Freq.
(MHz)
DCR
Max.
(
Ω)
Ω)
Ω)
Ω)
DC
Max.
(mA)
SRF
Min.
(MHz)
−01
.08
.12
50
65
25.0
.05
1300
250.0
-02
.12
.18
55
70
25.0
.06
1200
250.0
-03
.18
.27
55
70
25.0
.10
1100
250.0
-04
.27
.39
60
70
25.0
.12
950
240.0
-05
.39
.56
60
70
25.0
.20
700
215.0
-06
.56
.82
55
60
25.0
.45
540
180.0
-07
.82
1.2
50
45
25.0
.50
450
146.0
-08
1.2
1.8
35
40
7.90
.70
375
120.0
-09
1.8
2.7
40
45
7.90
1.0
300
100.0
-10
2.7
3.9
40
45
7.90
1.5
230
81.0
-11
3.9
5.6
30
40
7.90
1.7
230
43.0
-12
5.6
8.2
25
40
7.90
1.9
210
32.0
-13
8.2
12.0
25
40
7.90
2.0
200
22.0
-14
12.0
18.0
35
50
2.50
2.7
180
21.0
-15
18.0
27.0
40
50
2.50
3.5
160
16.0
-16
27.0
39.0
40
50
2.50
4.5
150
14.0
-17
39.0
56.0
40
50
2.50
5.5
140
11.0
-18
56.0
82.0
40
50
2.50
6.5
130
9.5
-19
82.0
120.0
30
40
2.50
10.0
120
8.0
-20
120.0
180.0
25
30
.790
14.0
80
6.0
-21
180.0
270.0
25
30
.790
20.0
75
5.0
-22
270.0
390.0
25
30
.790
28.0
70
4.0
-23
390.0
560.0
25
30
.790
38.0
60
3.5
-24
560.0
820.0
25
30
.790
48.0
50
3.0
558-1192
−25
820.0
1200.0
25
30
.790
65.0
40
2.4
Core and Cup Core Material is:-
-01 thru -07 Carbonyl SF (Blue)
-08 thru -19 Carbonyl E (Red)
-20 thru -25 Carbonyl C (Yellow)
Windings are varnish impregnated and powdered iron components are moisture proofed
Temperature range: -55
°C το +125°C
Dimensional Tolerance (unless otherwise stated) -
± .005 (0,13)
Recommended tuning tool - 435-1880-01-00-00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com