Electronic Components Datasheet Search
  English  ▼

X  

558-3387 Datasheet(PDF) 2 Page - CAMBION Electronic Components

Part # 558-3387
Description  Variable Coil, Shielded, Vertical, 1.35關H thru 120m?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

558-3387 Datasheet(HTML) 2 Page - CAMBION Electronic Components

  558-3387 Datasheet HTML 1Page - CAMBION Electronic Components 558-3387 Datasheet HTML 2Page - CAMBION Electronic Components 558-3387 Datasheet HTML 3Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C
C
C
CAMBION
AMBION
AMBION
AMBION ââââ
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright Cambionâ Tuesday, 06 November 2001
Page 2 of 3
How to order code
558-3387-XX-00-00
Basic Part No (XX = Inductance range identifier. See table for options)
Inductance L (
µµµµH)
Basic
Part
No.
XX
Min.
Max.
Q Min.
@
L Min
Q Min.
@
L Max
Test
Freq.
(MHz)
DCR
Max.
(
Ω)
Ω)
Ω)
Ω)
DC
Max.
(mA)
SRF
Min.
(MHz)
−01
1.35
1.65
80
85
7.90
.10
157.0
104.0
-02
1.65
1.98
80
80
7.90
.11
157.0
92.0
-03
1.98
2.42
80
85
7.90
.12
157.0
84.0
-04
2.43
2.97
80
85
7.90
.13
157.0
81.0
-05
2.97
3.63
80
80
7.90
.14
157.0
55.0
-06
3.51
4.29
85
90
7.90
.16
157.0
46.0
-07
4.25
5.10
85
80
7.90
.18
157.0
36.0
-08
5.10
6.14
85
85
7.90
.20
157.0
33.0
-09
6.14
7.48
100
100
7.90
.40
64.0
37.0
-10
7.40
9.00
85
85
7.90
.50
64.0
28.0
-11
9.00
11.0
80
80
7.90
.52
64.0
20.0
-12
11.0
13.0
75
80
2.50
.55
64.0
15.0
-13
13.5
16.5
85
85
2.50
.65
64.0
12.0
-14
16.5
19.8
65
80
2.50
.70
64.0
10.0
-15
19.8
24.0
70
90
2.50
.75
64.0
9.6
-16
28.0
38.0
65
80
2.50
1.0
64.0
8.8
-17
40.0
54.0
65
85
2.50
1.3
64.0
7.2
-18
58.0
78.0
60
75
2.50
1.4
64.0
6.4
-19
85.0
115.0
45
60
2.50
1.9
64.0
4.8
-20
127.0
173.0
55
75
.790
2.8
64.0
4.1
-21
176.0
263.0
50
70
.790
3.2
64.0
3.7
-22
263.0
395.0
60
85
.790
4.0
64.0
3.0
-23
377.0
565.0
45
65
.790
6.0
48.0
2.8
-24
542.0
820.0
45
65
.790
7.5
48.0
2.3
-25
800.0
1200
45
65
.790
13.0
32.0
1.9
-26
1200
1800
35
65
.250
15.0
25.0
.84
-27
1760
2630
40
65
.250
20.0
25.0
.83
-28
2630
3950
35
65
.250
25.0
25.0
.81
-29
3760
5650
35
60
.250
44.0
16.0
.73
-30
5450
8200
35
55
.250
55.0
16.0
.63
-31
8000
12000
35
50
.250
90.0
10.2
.49
-32
12000
18000
18
30
.079
130.0
10.2
.36
-33
17600
26300
15
30
.079
160.0
10.2
.34
-34
26300
39500
15
25
.079
240.0
7.8
.32
-35
37600
56500
15
25
.079
420.0
5.8
.23
-36
54500
82000
15
25
.079
500.0
4.8
.17
558-3387
-37
80000
120000
15
25
.079
940.0
4.0
.18



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com