Electronic Components Datasheet Search
  English  ▼

X  

BD3531F Datasheet(PDF) 7 Page - Rohm

Part # BD3531F
Description  Termination Regulators for DDR-SDRAMs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3531F Datasheet(HTML) 7 Page - Rohm

Back Button BD3531F Datasheet HTML 3Page - Rohm BD3531F Datasheet HTML 4Page - Rohm BD3531F Datasheet HTML 5Page - Rohm BD3531F Datasheet HTML 6Page - Rohm BD3531F Datasheet HTML 7Page - Rohm BD3531F Datasheet HTML 8Page - Rohm BD3531F Datasheet HTML 9Page - Rohm BD3531F Datasheet HTML 10Page - Rohm BD3531F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/16
0.89
0.89
0.90
0.90
0.90
0.90
0.90
0.91
0.91
-2
-1
0
1
2
ITT(A)
Fig.13 IREF-VREF (DDR-Ⅰ)
Fig.14 IREF-VREF (DDR-Ⅱ)
Fig.15 ITT-VTT (DDR-Ⅰ)
Fig.16 ITT-VTT (DDR-Ⅱ)
1.244
1.246
1.248
1.250
1.252
1.254
1.256
1.258
-2
-1
0
1
2
ITT(A)
1.248
1.249
1.25
1.251
1.252
-10
-5
0
5
10
IREF(mA)
0.897
0.898
0.899
0.9
0.901
0.902
-10
-5
0
5
10
IREF(mA)
Fig.17 Input Sequence 1
Fig.18 Input Sequence 2
Fig.19 Input Sequence 3
VTT_IN
VREF
VTT
(1A/div)
ITT_IN
Fig.20 Start up Wave Form
VCC
EN
VDDQ
VTT IN
VTT
VCC
EN
VDDQ
VTT IN
VTT
VCC
EN
VDDQ
VTT IN
VTT
0.896
0.898
0.900
0.902
0.904
0.906
0.908
0.910
0.912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com