Electronic Components Datasheet Search
  English  ▼

X  

BD3538F Datasheet(PDF) 7 Page - Rohm

Part # BD3538F
Description  Termination Regulators for DDR-SDRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3538F Datasheet(HTML) 7 Page - Rohm

Back Button BD3538F Datasheet HTML 3Page - Rohm BD3538F Datasheet HTML 4Page - Rohm BD3538F Datasheet HTML 5Page - Rohm BD3538F Datasheet HTML 6Page - Rohm BD3538F Datasheet HTML 7Page - Rohm BD3538F Datasheet HTML 8Page - Rohm BD3538F Datasheet HTML 9Page - Rohm BD3538F Datasheet HTML 10Page - Rohm BD3538F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/10
●
Evaluation Board
■
■
BD3538F/HFN Evaluation Board Circuit
■
■
BD3538F/HFN Evaluation Board Application Components
Part No
Value
Company
Parts Name
U1
-
ROHM
BD3538F/HFN
R4
220Ω
ROHM
MCR032200
J1
0Ω
-
-
C2
10uF
ROHM
MCH218CN106K
C3
1uF
ROHM
MCH184CN105K
C5
10uF
ROHM
MCH218CN106K
C7
220uF
SANYO
2R5TPE220MF
C9
2.2uF
ROHM
MCH188CN225K
C5
GND
BD3538F/HFN
VREF
EN
VCC
VDDQ
VTT_IN
VTTS
VTT
GND
VCC
SW1
J2
R4
C9
C3
C7
C2
2
7
5
6
1
8
3
4
U1
VTT_IN
VCC
VTT
VREF
VDDQ
EN
VTTS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com