Electronic Components Datasheet Search
  English  ▼

X  

BU407 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # BU407
Description  SILICON EPITAXIAL PLANNAR TRANSISTOR(GENERAL DESCRIPTION)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

BU407 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  BU407 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL DESCRIPTION
High frequency, high power transistors in a plastic
envelope, primarily for use in audio and general
purpose
QUICK REFERENCE DATA
LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
330
V
V
CEO
Collector-emitter voltage (open base)
150
V
I
C
Collector current (DC)
7
A
I
CM
Collector current peak value
15
A
P
tot
Total power dissipation
T
mb
25
60
W
V
CEsat
Collector-emitter saturation voltage
I
C = 5.0A; IB = 0.5A
1.0
V
V
F
Diode forward voltage
V
t
f
Fall time
I
C=5A,-IB(end)=0.5A,VCC=60V
0.75
s
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
-
330
V
V
CEO
Collector-emitter voltage (open base)
-
150
V
V
EBO
Emitter-base oltage (open colloctor)
5
V
I
C
Collector current (DC)
-
7
A
I
B
Base current (DC)
-
4
A
P
tot
Total power dissipation
Tmb
25
-
60
W
T
stg
Storage temperature
-55
150
T
j
Junction temperature
-
150
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
I
CBO
Collector-base cut-off current
V
CB=400V
5.0
mA
I
EBO
Emitter-base cut-off current
V
EB=5V
1.0
mA
V
(BR)CEO
Collector-emitter breakdown voltage
I
C=10mA
150
V
V
CEsat
Collector-emitter saturation voltages
I
C = 5.0A; IB = 0.5A
1.0
V
h
FE
DC current gain
I
C = 2.0A; VCE = 5V
30
f
T
Transition frequency at f = 5MHz
I
C = 0.5A; VCE = 10V
10
MHz
C
c
Collector capacitance at f = 1MHz
V
CB = 10V
pF
t
on
On times
I
C=5A,-IB(end)=0.5A,VCC=60V
us
t
s
Tum-off storage time
I
C=5A,-IB(end)=0.5A,VCC=60V
us
t
f
Fall time
I
C=5A,-IB(end)=0.5A,VCC=60V
0.75
us
ELECTRICAL CHARACTERISTICS
TO-220
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
BU407
SILICON EPITAXIAL PLANNAR TRANSISTOR


Similar Part No. - BU407

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU407 MOSPEC-BU407 Datasheet
106Kb / 3P
POWER TRANSISTORS(7A,150-200V,60W)
logo
Power Innovations Ltd
BU407 POINN-BU407 Datasheet
157Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BU407 STMICROELECTRONICS-BU407 Datasheet
61Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
logo
Samsung semiconductor
BU407 SAMSUNG-BU407 Datasheet
154Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BU407 FAIRCHILD-BU407 Datasheet
46Kb / 4P
High Voltage Switching
More results

Similar Description - BU407

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SA1104 WINGS-2SA1104 Datasheet
79Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
2SC1047 WINGS-2SC1047 Datasheet
80Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
2SC1050 WINGS-2SC1050 Datasheet
188Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
2SC2922 WINGS-2SC2922 Datasheet
107Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
2SC3039 WINGS-2SC3039 Datasheet
61Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
2SC3552 WINGS-2SC3552 Datasheet
80Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
2SC4596E WINGS-2SC4596E Datasheet
69Kb / 1P
SILICON EPITAXIAL PLANNAR TRANSISTOR(GENERAL DESCRIPTION)
2SD716 WINGS-2SD716 Datasheet
89Kb / 1P
SILICON EPITAXIAL PLANAR TRANSISTOR(GENERAL DESCRIPTION)
2SD717 WINGS-2SD717 Datasheet
88Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
2SD862 WINGS-2SD862 Datasheet
63Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com