Electronic Components Datasheet Search
  English  ▼

X  

BUT12A Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # BUT12A
Description  SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

BUT12A Datasheet(HTML) 1 Page - Wing Shing Computer Components

  BUT12A Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL DESCRIPTION
Highvoltage,high-speed switching npn transistors in a
metal envelope ,primarily for use in switching power
circuits.
QUICK REFERENCE DATA
LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
1000
V
V
CEO
Collector-emitter voltage (open base)
450
V
I
C
Collector current (DC)
8
A
I
CM
Collector current peak value
20
A
P
tot
Total power dissipation
T
mb
25
100
W
V
CEsat
Collector-emitter saturation voltage
I
C = 6.0A; IB = 1.2A
1.5
V
I
csat
Collector saturation current
f = 16KHz
A
V
F
Diode forward voltage
V
t
f
Fall time
I
C=6A,IB1=-IB2=1.2A,VCC=150V
1.0
s
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
1000
V
V
CEO
Collector-emitter voltage (open base)
450
V
V
EBO
Emitter-base voltage(open collector)
5
V
I
C
Collector current (DC)
8
A
I
B
Base current (DC)
4
A
I
BM
Base current peak value
8
A
P
tot
Total power dissipation
Tmb
25
100
W
T
stg
Storage temperature
-55
150
T
j
Junction temperature
150
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
I
CE
Collector-emitter cut-off current
V
BE = 0V; VCE = VCESMmax
1.0
mA
I
CES
V
BE = 0V; VCE = VCESMmax
2.0
mA
T
j = 125
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0A; IC = 100mA
V
L = 25mH
V
CEsat
Collector-emitter saturation voltages
I
C = 6.0A; IB = 1.2A
1.5
V
V
BEsat
Base-emitter satuation voltage
I
C = 6.0A; IB = 1.2A
1.5
V
h
FE
DC current gain
I
C = 1.0A; VCE = 5V
10
50
V
F
Diode forward voltage
V
f
T
Transition frequency at f = 1MHz
I
C = 0.1A; VCE = 10V
5
MHz
C
c
Collector capacitance at f = 1MHz
V
CB = 10V
pF
t
s
Switching times(16KHz line deflecton circuit)
I
C=6A,IB1=-IB2=1.2A,VCC=150V
5.0
s
t
f
Turn-off storage time Turn-off fall time
IC=6A,IB1=-IB2=1.2A,VCC=150V
1.0
s
ELECTRICAL CHARACTERISTICS
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
TO-220
BUT12A
SILICON DIFFUSED POWER TRANSISTOR


Similar Part No. - BUT12A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUT12A PHILIPS-BUT12A Datasheet
100Kb / 12P
Silicon diffused power transistors
1997 Aug 13
logo
Fairchild Semiconductor
BUT12A FAIRCHILD-BUT12A Datasheet
29Kb / 3P
High Voltage Power Switching Applications
logo
Inchange Semiconductor ...
BUT12A ISC-BUT12A Datasheet
136Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BUT12A SAVANTIC-BUT12A Datasheet
100Kb / 3P
Silicon NPN Power Transistors
logo
Nell Semiconductor Co.,...
BUT12A NELLSEMI-BUT12A Datasheet
268Kb / 6P
High Voltage Fast-switching NPN Power Transistor
More results

Similar Description - BUT12A

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1650 WINGS-2SD1650 Datasheet
86Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
2SD1878 WINGS-2SD1878 Datasheet
86Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
2SD1910 WINGS-2SD1910 Datasheet
100Kb / 1P
Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
2SD1911 WINGS-2SD1911 Datasheet
100Kb / 1P
Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
2SD2498 WINGS-2SD2498 Datasheet
97Kb / 1P
Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
2SD820 WINGS-2SD820 Datasheet
192Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
2SD850 WINGS-2SD850 Datasheet
189Kb / 1P
Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
2SD870 WINGS-2SD870 Datasheet
192Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
BU508AF WINGS-BU508AF Datasheet
142Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
BU508D WINGS-BU508D Datasheet
84Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com