Electronic Components Datasheet Search
  English  ▼

X  

HC-49S Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # HC-49S
Description  CRYSTAL UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

HC-49S Datasheet(HTML) 2 Page - Wing Shing Computer Components

  HC-49S Datasheet HTML 1Page - Wing Shing Computer Components HC-49S Datasheet HTML 2Page - Wing Shing Computer Components HC-49S Datasheet HTML 3Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4. MECHANI
CAL SPECIFICATION
1) Terminal Strength
*
Lead pulling test
Conditions:
Load
907.2 gram
Direction
To the downward
Duration of applied force
5 seconds
Results:
There should be no distortion in appearance.
*
Lead bending test
Conditions:
Load
453.6 gram
Bending angle
90°to normal position
Rate of bending
3 seconds in each cycle
Number of bending
3
Results:
There should be no distortion in appearance.
2) Lead solder ability test
Conditions:
Dipping in solder(+230℃±5℃)for 5 seconds
Results:
More than 95% of surface being tested should be
coated uniformly with solder.
3) Vibration test
Conditions:
Frequency
10 – 55Hz
Amplitude
0.762mm
Sweep
1.0 minute
Duration
2 hours
Results:
Frequency and wave form of tested products must
Remain within specifications.
4) Drop test
Conditions:
Method of drop
Natural drop
Dropping floor
Hard wood board
Height
30cm
Number of drops
3 times
Results:
Frequency and wave form of tested products must
remain within specifications.
HC-49/S
CRYSTAL UNIT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com