Electronic Components Datasheet Search
  English  ▼

X  

KA2410 Datasheet(PDF) 4 Page - Wing Shing Computer Components

Part # KA2410
Description  TELEPHONE TONE RINGERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

KA2410 Datasheet(HTML) 4 Page - Wing Shing Computer Components

  KA2410 Datasheet HTML 1Page - Wing Shing Computer Components KA2410 Datasheet HTML 2Page - Wing Shing Computer Components KA2410 Datasheet HTML 3Page - Wing Shing Computer Components KA2410 Datasheet HTML 4Page - Wing Shing Computer Components KA2410 Datasheet HTML 5Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Pad Location KA2410 / KA2411
For KA2410 2A pad to be used, 2B pad not connected;
For KA2411 2B pad to be used, 2A pad not connected.
Coordinates
Pad N
Pad Name
X (µm)
Y (µm)
1V
CC
95
270
2A
925
90
2B
RSL
690
90
3
LFI
1245
90
4
LFO
1245
490
5
GND
1245
765
6
HFO
1245
1185
7
HFI
460
1185
8
OUT
95
1185
3
1
4
5
6
7
8
2B
2A
110
110
Chip Size 1.45 X 1.45mm
X
Y
KA2410/KA2411
TELEPHONE TONE RINGERS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com