Electronic Components Datasheet Search
  English  ▼

X  

KA2411 Datasheet(PDF) 3 Page - Wing Shing Computer Components

Part # KA2411
Description  TELEPHONE TONE RINGERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

KA2411 Datasheet(HTML) 3 Page - Wing Shing Computer Components

  KA2411 Datasheet HTML 1Page - Wing Shing Computer Components KA2411 Datasheet HTML 2Page - Wing Shing Computer Components KA2411 Datasheet HTML 3Page - Wing Shing Computer Components KA2411 Datasheet HTML 4Page - Wing Shing Computer Components KA2411 Datasheet HTML 5Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION CIRCUIT FOR 2411
Use of RSL pin (for KA2411 only)
1
2
3
4
5
6
7
8
2411
T
R
f=20Hz
250V
6.2k
27V
50V
C1
220nF
R1 220k
RSL
50V
470k
R2 180k
10K
C2
4.7nF
1µF
10µF
10µF
0
00
0
1
11
1
2
22
2
3
33
3
10
10
10
1020
20
20
20
V
V
V
V
CC
CC
CC
CC
[V]
[V]
[V]
[V]
I
CC
[mA]
[mA]
[mA]
[mA]
RSL=6.2k
RSL=6.2k
RSL=6.2k
RSL=6.2k
RSL=10k
RSL=10k
RSL=10k
RSL=10k
RSL=15k
RSL=15k
RSL=15k
RSL=15k
Shown the supply initiation current (I
SI) can
be changed using the RSL pin.
KA2410/KA2411
TELEPHONE TONE RINGERS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com