Electronic Components Datasheet Search
  English  ▼

X  

LM317 Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # LM317
Description  3-TERMINAL ADJUSTABLE REGULATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

LM317 Datasheet(HTML) 2 Page - Wing Shing Computer Components

  LM317 Datasheet HTML 1Page - Wing Shing Computer Components LM317 Datasheet HTML 2Page - Wing Shing Computer Components LM317 Datasheet HTML 3Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN TYP MAX
UNIT
T
J=MIN to MAX
0.01
0.04
Input Regulation*2
V
I-VO=3V to 40V *3
I
O=10mA to 1.5A
0.02
0.07
%/V
V
O=10V, f=120HZ
65
Ripple Rejection
V
O=10V, f=120HZ
10-µF capacitor between ADJ and ground
66
80
dB
V
O≤5V
5
25
mV
I
O=10mA TO 1.5A,
T
J=25℃*3,
V
O>5V
0.1
0.5
%
V
O≥5V
20
70
mV
Output Regulation
I
O=10mA to 1.5A
V
O>5V
0.3
1.5
%
Output Voltage Change With Temperature
T
J=MIN to MAX
1
%
Output Voltage long-term Drift*4
After 1000h at T
J = MAX and VI-VO=40V
0.3
1
%
Output Noise Voltage
f=10Hz to 10kHz, T
J=25℃
0.003
%
Minimum Output
Current
to
Maintain
Regulation
V
I-VO=40V
3.5
10
mA
V
I-VO≤15V
1.5
2.2
Peak Output Current
V
I-VO≤40V, TJ=25
0.15
0.4
A
Adjustment-terminal Current
50
100
µA
Change in adjustment-terminal Current
V
I-VO=2.5V to 40V,
I
O=10mA to 1.5A
0.2
5.0
µA
Reference Voltage(Output to ADJ)
V
I-VO=3V to 40V, IO=10mA to 1.5A,
P≤15W
1.20
1.25
1.30
V
*1
All characteristics are measured with a 0.1-µF capacitor across the input and a 1-µF capacitor across the output.
*2
Input regulation is expressed here as the percentage change in output voltage per 1-V change at the input
*3
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
Thermal effects must be taken into account separately.
*4
Since long-term drift cannot be measured on the individual devices prior to shipment. This specification is not intended to be a guarantee or warranty. It
is an engineering estimate of the average drift to be expected from lot to lot.
TYPICAL APPLICATION DATA
1.
Use of an input bypass capacitor is recommended if regulator is far from filter capacitors.
2.
Use of an output capacitor improves transient response but is optional.
3.
V
REF equals the difference between the output and adjustment terminal voltages.
OUT
ADJ
REG
IN
R
1
240
R
2
C
2=1
F
C
1=0.1
F
V
I
V
0
V
O = VREF { 1+
}
R
2
R
1
3-TERMINAL ADJUSTABLE REGULATORS
See Note 1
See Note 2
See Note 3
Uniess otherwise noted ,these specifications apply for the following test conditions: Vi-Vo=5V and Io=0.5A. For conditions
shown as MIN or MAX, use the appropriate
value specified under recommended operating conditions.
*3
Output voltage is calculated from
LM317



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com