Electronic Components Datasheet Search
  English  ▼

X  

APTM100UM65SCAVG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM100UM65SCAVG
Description  Single switch Series & SiC parallel diodes MOSFET Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM100UM65SCAVG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM100UM65SCAVG Datasheet HTML 1Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 2Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 3Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 4Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 5Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 6Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 7Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
APTM100UM65SCAVG
www.microsemi.com
1 – 8
D
DK
S
SK
G
G, SK and DK terminals are for control signals only
(not for power)
D
S
DK
SK
SK
G
All ratings @ Tj = 25°C unless otherwise specified
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
•
Motor control
Features
•
Power MOS 7
® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
•
SiC Parallel Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
•
Kelvin source for easy drive
•
Kelvin drain for voltage monitoring
•
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
-
M3 power connectors
•
High level of integration
•
AlN substrate for improved MOSFET thermal
performance
Benefits
•
Outstanding
performance
at
high
frequency
operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Low profile
•
RoHS Compliant
Single switch
Series & SiC parallel diodes
MOSFET Power Module
VDSS = 1000V
RDSon = 65mΩ typ @ Tj = 25°C
ID = 145A @ Tc = 25°C


Similar Part No. - APTM100UM65SCAVG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM100UM65S-ALN ADPOW-APTM100UM65S-ALN Datasheet
311Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM100UM65SAG MICROSEMI-APTM100UM65SAG Datasheet
278Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM100UM65SCAVG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20UM05S ADPOW-APTM20UM05S Datasheet
287Kb / 7P
Single switch Series & parallel diodes MOSFET Power Module
APTM20UM09S ADPOW-APTM20UM09S Datasheet
285Kb / 7P
Single switch Series & parallel diodes MOSFET Power Module
APTM20UM04S-ALN ADPOW-APTM20UM04S-ALN Datasheet
302Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM50UM13S-ALN ADPOW-APTM50UM13S-ALN Datasheet
301Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM50UM25S ADPOW-APTM50UM25S Datasheet
284Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM100UM65S-ALN ADPOW-APTM100UM65S-ALN Datasheet
311Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM120U10SA ADPOW-APTM120U10SA Datasheet
294Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50UM13SAG MICROSEMI-APTM50UM13SAG Datasheet
270Kb / 7P
Single switch Series & parallel diodes MOSFET Power Module
APTM100UM65SAG MICROSEMI-APTM100UM65SAG Datasheet
278Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM120U10SCAVG MICROSEMI-APTM120U10SCAVG Datasheet
238Kb / 8P
Single switch Series & SiC parallel diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com