Electronic Components Datasheet Search
  English  ▼

X  

2N918 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N918
Description  NPN SILICON SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N918 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N918 Datasheet HTML 1Page - Microsemi Corporation 2N918 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/301
T4-LDS-0010 Rev. 1 (072019)
Page 1 of 2
DEVICES
LEVELS
2N918
2N918UB
JAN
JANTX
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
15
Vdc
Collector-Base Voltage
VCBO
30
Vdc
Emitter-Base Voltage
VEBO
3.0
Vdc
Collector Current
IC
50
mAdc
Total Power Dissipation @ T
A = +25°C
(1)
PT
200
mW
Operating & Storage Junction Temperature Range
Top & Tstg
-65 to +200
°C
1) Derate linearly 1.14mW/°C above T
A > 25°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 3mAdc
V(BR)CEO
15
Vdc
Collector-Base Cutoff Current
VCB = 30Vdc
VCB = 25Vdc
ICBO
1.0
10
µAdc
ηAdc
Emitter-Base Cutoff Current
VEB = 3.0Vdc
VEB = 2.5Vdc
IEBO
10
10
µAdc
ηAdc
Forward-Current Transfer Ratio
IC = 0.5mAdc, VCE = 10Vdc
IC = 3.0mAdc, VCE = 10Vdc
IC = 10mAdc, VCE = 10Vdc
hFE
10
20
20
200
Collector-Emitter Saturation Voltage
IC = 10mAdc, IB = 1.0mAdc
VCE(sat)
0.4
Vdc
Base-Emitter Voltage
IC = 10mAdc, IB = 1.0mAdc
VBE(sat)
1.0
Vdc
TO-72
2N918
3 PIN
2N918UB


Similar Part No. - 2N918

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N918 STMICROELECTRONICS-2N918 Datasheet
115Kb / 5P
HIGH-FREQUENCY OSCILLATORS AND AMPLIFIERS
Nov 1988
logo
Semicoa Semiconductor
2N918 SEMICOA-2N918 Datasheet
30Kb / 1P
Chip Type 2C918 Geometry 0013 Polarity NPN
2N918 SEMICOA-2N918 Datasheet
65Kb / 2P
Type 2N918 Geometry 0013 Polarity NPN
logo
Advanced Semiconductor
2N918 ASI-2N918 Datasheet
16Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
2N918 CENTRAL-2N918 Datasheet
61Kb / 1P
Small Signal NPN Transistors / Dual Transistors
More results

Similar Description - 2N918

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1998
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistor
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
NPN Silicon Switching Transistor
Nov-30-2001
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Feb-2003
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com