Electronic Components Datasheet Search
  English  ▼

X  

ARF300 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # ARF300
Description  RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF300 Datasheet(HTML) 3 Page - Microsemi Corporation

  ARF300 Datasheet HTML 1Page - Microsemi Corporation ARF300 Datasheet HTML 2Page - Microsemi Corporation ARF300 Datasheet HTML 3Page - Microsemi Corporation ARF300 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
10-4
10-3
10-2
10-1
0.1
1
0
10
20
30
40
50
60
0
5
10
15
20
25
30
Dynamic Characteristics
ARF300
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 5, Typical Output Characteristics
6.5V
5.5V
6V
10V
7.5V
8V
SINGLE PULSE
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 6a, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
T
C, CASE TEMPERATURE (°C)
Figure 4, Typical Threshold Voltage vs Temperature
Figure 6b, TRANSIENT THERMAL IMPEDANCE MODEL
Table 1 - Typical Class AB Large Signal Input - Output Impedance
Freq. (MHz)
Z
in (Ω)ZOL (Ω)
2.0
13.56
27.12
40.68
18 - j 10.5
2.66 - j 4.6
1.79 - j 1.6
1.68 - j 0.14
21 - j 1.4
17.5 - j 7.8
11.7 - j 10.4
7.7 - j 10
Z
IN - Gate shunted with 25Ω
I
dq = 0
Z
OL - Conjugate of optimum load for 300 Watts output at Vdd=125V
Dissipated Power
(Watts)
T
J (˚C)
T
C (˚C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.
0.068
0.062
0.019
0.0150
0.135
2.133
15V
0
1
2
3
4
5
6
7
8
-50
0
50
100
150
0.3
D = 0.9
0.7
0.5
0.1
0.05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com