Electronic Components Datasheet Search
  English  ▼

X  

ARF467FL Datasheet(PDF) 2 Page - Microsemi Corporation

Part # ARF467FL
Description  RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF467FL Datasheet(HTML) 2 Page - Microsemi Corporation

  ARF467FL Datasheet HTML 1Page - Microsemi Corporation ARF467FL Datasheet HTML 2Page - Microsemi Corporation ARF467FL Datasheet HTML 3Page - Microsemi Corporation ARF467FL Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DYNAMIC CHARACTERISTICS
ARF467FL
30
45
60
75
90
105
120
FREQUENCY(MHz)
Figure 1, Typical Gain vs Frequency
Class C
V
DD = 150V
P
out = 150W
30
25
20
15
10
5
0
Symbol
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Test Conditions
V
GS = 0V
V
DS = 50V
f = 1 MHz
V
GS = 15V
V
DD = 500 V
I
D = 12A @ 25°C
R
G = 1.6Ω
MIN
TYP
MAX
1900
230
40
12
8
41
10
UNIT
pF
ns
FUNCTIONALCHARACTERISTICS
Symbol
G
PS
η
ψ
Test Conditions
f = 40.68 MHz
V
GS = 2.5V
V
DD = 150V
Pout = 300W
No Degradation in Output Power
Characteristic
Common Source Amplifier Power Gain
Drain Efficiency
Electrical Ruggedness VSWR 10:1
MIN
TYP
MAX
14
16
70
75
UNIT
dB
%
1 Pulse Test: Pulse width < 380µS, Duty Cycle < 2%
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
1
10
100
1000
35
30
25
20
15
10
5
0
02
4
6
8
10
VDS,DRAIN-TO-SOURCEVOLTAGE(VOLTS)
Figure 2, Typical Capacitance vs. Drain-to-Source Voltage
4,000
1,000
500
100
50
10
.1
1
10
100 200
VDS,DRAIN-TO-SOURCEVOLTAGE(VOLTS)
Figure 4, Typical Maximum Safe Operating Area
VGS,GATE-TO-SOURCEVOLTAGE(VOLTS)
Figure 3, Typical Transfer Characteristics
VDS> ID (ON) x RDS (ON)MAX.
250µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
TJ = -55°C
TJ = -55°C
TJ = +125°C
TJ = +25°C
TC=+25°C
TJ=+175°C
SINGLE PULSE
OPERATIONHERE
LIMITEDBYRDS(ON)
Ciss
Coss
Crss
48
10
5
1
.5
.1
1mS
10mS
100mS
100uS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com