Electronic Components Datasheet Search
  English  ▼

X  

ARF1505 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # ARF1505
Description  RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF1505 Datasheet(HTML) 1 Page - Microsemi Corporation

  ARF1505 Datasheet HTML 1Page - Microsemi Corporation ARF1505 Datasheet HTML 2Page - Microsemi Corporation ARF1505 Datasheet HTML 3Page - Microsemi Corporation ARF1505 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
V
DS(ON)
I
DSS
I
GSS
g
fs
V
isolation
V
GS(TH)
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250 μA)
On State Drain Voltage 1 (I
D(ON) = 12.5A, VGS = 10V)
Zero Gate Voltage Drain Current (V
DS = VDSS, VGS = 0V)
Zero Gate Voltage Drain Current (V
DS = 0.8 VDSS, VGS = 0V, TC = 125°C)
Gate-Source Leakage Current (V
GS = ±30V, VDS = 0V)
Forward Transconductance (V
DS = 25V, ID = 12.5A)
RMS Voltage (60Hz Sinewave from terminals to mounting surface for 1 minute)
Gate Threshold Voltage (V
DS = VGS, ID = 50mA)
MIN
TYP
MAX
1200
8
9.5
100
1000
±400
5.5
6
TBD
3
5
UNIT
Volts
μA
nA
mhos
Volts
Symbol
V
DSS
I
D
V
GS
P
D
T
J,TSTG
T
L
Parameter
Drain-Source Voltage
Continuous Drain Current @ T
C = 25°C
Gate-Source Voltage
Total Device Dissipation @ T
C = 25°C
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
ARF1505
1200
25
±30
1500
-55 to 175
300
UNIT
Volts
Amps
Volts
Watts
°C
RF POWER MOSFET
N - CHANNEL ENHANCEMENT MODE
300V
750W
40MHz
The ARF1505 is an RF power transistor designed for off-line 300V operation in very high power scientific, commercial,
medical and industrial RF power generator and amplifier applications up to 40 MHz.
• Specified 300 Volt, 27.12 MHz Characteristics:
•
Output Power = 750 Watts.
•
Gain = 17dB (Class C)
•
Efficiency > 75%
• High Performance Power RF Package.
• Very High Breakdown for Improved Ruggedness.
• Low Thermal Resistance.
• Nitride Passivated Die for Improved Reliability.
ARF1505
THERMAL CHARACTERISTICS
Symbol
R
θJC
R
θJHS
Characteristic (per package unless otherwise noted)
Junction to Case
Junction to Sink (Use High Efficiency Thermal Joint Compound and Planar Heat Sink Surface.)
MIN
TYP
MAX
0.10
0.16
UNIT
°C/W
Volts
ARF1505
BeO
1525-xx
DS
S
GS
S
Microsemi Website - http://www.microsemi.com
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed
.
• RoHS Compliant


Similar Part No. - ARF1505

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF1505 ADPOW-ARF1505 Datasheet
125Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - ARF1505

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF1500 ADPOW-ARF1500 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1501 ADPOW-ARF1501 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1502 ADPOW-ARF1502 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF442 ADPOW-ARF442 Datasheet
55Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF444 ADPOW-ARF444 Datasheet
64Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF475FL ADPOW-ARF475FL Datasheet
95Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1500 ADPOW-ARF1500 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Microsemi Corporation
ARF460A MICROSEMI-ARF460A Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1501 MICROSEMI-ARF1501 Datasheet
150Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF300 MICROSEMI-ARF300_10 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com