Electronic Components Datasheet Search
  English  ▼

X  

ARF1510 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # ARF1510
Description  RF POWER MOSFET FULL-BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF1510 Datasheet(HTML) 1 Page - Microsemi Corporation

  ARF1510 Datasheet HTML 1Page - Microsemi Corporation ARF1510 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D1
S1D2
G1
G2
S2
D3
G3
S3D4
G4
S4
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
V
DS(ON)
I
DSS
I
GSS
g
fs
V
isolation
V
GS(TH)
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250 μA)
On State Drain Voltage 1 (I
D(ON) = 3.25A, VGS = 10V)
Zero Gate Voltage Drain Current (V
DS = 1000V, VGS = 0V)
Zero Gate Voltage Drain Current (V
DS = 800V, VGS = 0V, TC = 125°C)
Gate-Source Leakage Current (V
GS = ±30V, VDS = 0V)
Forward Transconductance (V
DS = 25V, ID = 3.25A)
RMS Voltage (60Hz Sinewave from terminals to mounting surface for 1 minute)
Gate Threshold Voltage (V
DS = VGS, ID = 50mA)
MIN
TYP
MAX
1000
6.8
7.5
25
250
±100
3
4
TBD
3
5
UNIT
Volts
μA
nA
mhos
Volts
Symbol
V
DSS
I
D
V
GS
P
D
T
J,TSTG
T
L
Parameter
Drain-Source Voltage
Continuous Drain Current @ T
C = 25°C
Gate-Source Voltage
Total Device Dissipation @ T
C = 25°C
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
ARF 1510
1000
8
±30
1500
-55 to 175
300
UNIT
Volts
Amps
Volts
Watts
°C
RF POWER MOSFET
FULL-BRIDGE
400V
750W
40MHz
The ARF1510 is four RF power transistor arranged in an H-Bridge configuration. It is intended for off-line 300V
operation in high power scientific, medical and, industrial RF power generator and amplifier applications up to 40
MHz.
• Specified 300 Volt, 27.12 MHz Characteristics:
•
Output Power = 750 Watts.
•
Gain = 17dB (Class D)
• High Performance Power RF Package.
• Very High Breakdown for Improved Ruggedness.
• Low Thermal Resistance.
• Nitride Passivated Die for Improved Reliability.
• RoHS Compliant
ARF1510
THERMAL CHARACTERISTICS
Symbol
R
θJC
R
θJHS
Characteristic (per package unless otherwise noted)
Junction to Case
Junction to Sink (Use High Efficiency Thermal Joint Compound and Planar Heat Sink Surface.)
MIN
TYP
MAX
0.10
0.16
UNIT
°C/W
Volts
ARF1510
D1
S1D2
G1
G2
S2
D3
G3
S3D4
G4
S4
Microsemi Website - http://www.microsemi.com
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed
.


Similar Part No. - ARF1510

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF1510 ADPOW-ARF1510 Datasheet
83Kb / 2P
RF POWER MOSFET
More results

Similar Description - ARF1510

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20HM20FT ADPOW-APTM20HM20FT Datasheet
301Kb / 6P
Full - Bridge MOSFET Power Module
APTM100H45FT3 ADPOW-APTM100H45FT3 Datasheet
320Kb / 6P
Full - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
Full - Bridge MOSFET Power Module
APTM50H14FT3G MICROSEMI-APTM50H14FT3G Datasheet
301Kb / 6P
Full - Bridge MOSFET Power Module
APTM50HM65FTG MICROSEMI-APTM50HM65FTG Datasheet
293Kb / 6P
Full - Bridge MOSFET Power Module
APTM100H35FTG MICROSEMI-APTM100H35FTG Datasheet
293Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H29FG MICROSEMI-APTM120H29FG Datasheet
286Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H57FT3G MICROSEMI-APTM120H57FT3G Datasheet
299Kb / 6P
Full - Bridge MOSFET Power Module
APTM60H23FT1G MICROSEMI-APTM60H23FT1G Datasheet
195Kb / 5P
Full - Bridge MOSFET Power Module
ARF1511 MICROSEMI-ARF1511 Datasheet
104Kb / 2P
RF POWER MOSFET FULL-BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com