Electronic Components Datasheet Search
  English  ▼

X  

ARF1511 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # ARF1511
Description  RF POWER MOSFET FULL-BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF1511 Datasheet(HTML) 2 Page - Microsemi Corporation

  ARF1511 Datasheet HTML 1Page - Microsemi Corporation ARF1511 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DYNAMIC CHARACTERISTICS
ARF1511
Symbol
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
E
AR
E
AS
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Repetitive Avalanche Energy 2
Single Pule Avalanche Energy 3
Test Conditions
V
GS = 0V
V
DS = 200V
f = 1 MHz
V
GS = 15V
V
DD = 250V
I
D = 20A @ 25°C
R
G = 1.6 Ω
MIN
TYP
MAX
1200
1400
150
200
60
90
7
6
20
4.4
10
450
UNIT
pF
ns
mJ
FUNCTIONAL CHARACTERISTICS
Symbol
G
PS
η
Ψ
Test Conditions
f = 40.7 MHz
V
GS = 0V
V
DD = 380V
P
out = 750W
No Degradation in Output Power
Characteristic
Common Source Amplifier Power Gain
Drain Efficiency
Electrical Ruggedness VSWR 6:1
MIN
TYP
MAX
13
15
75
UNIT
dB
%
1 Pulse Test: Pulse width < 380 μS, Duty Cycle < 2%.
2 Repetitive Rating: Pulse width limited by maximum junction
temperature.
3 Starting T
j = +25°C, L = 2.25mH, RG = 25Ω, Peak IL = 20A
HAZARDOUS MATERIAL
WARNING
The ceramic portion of the
device
between leads and mounting surface
is beryllium oxide, BeO.
Beryllium
oxide dust is toxic when inhaled.
Care must be taken during handling
and mounting to avoid damage to
this area. These devices must never
be thrown away with general industri-
al or domestic waste.
D1
S1D2
G1
G2
S2
D3
G3
S3D4
G4
S4
ARF 1511
Clamp
Heat Sink
ARF1511
1.065"
27.05 mm
1.065"
27.05 mm
.100
.100
.300
.300
.100
.175
.075
.100
.100
.175
.075
D1
S1D2
G1
G2
S2
D3
G3
S3D4
G4
S4
.005
.045
.254
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Thermal Considerations and Package Mounting:
The rated 1500W power dissipation is only available
when the package mounting surface is at 25°C and the
junction temperature is 175°C. The thermal resis-
tance between junctions and case mounting surface
is 0.10°C/W. When installed, an additional thermal
impedance of 0.06°C/W between the package base and
the mounting surface is smooth and flat. Thermal joint
compound must be used to reduce the effects of small
surface irregularities. The heatsink should incorporate a
copper heat spreader to obtain best results.
The package is designed to be clamped to a heatsink. A
clamped joint maintains the required mounting pressure
while allowing for thermal expansion of both the device
and the heat sink. A simple clamp, and two 6-32 (M3.5)
screws can provide the minimum 125 lb. required
mounting force. T=4-6 in-lb. Please refer to App Note
1802 "Mounting Instructions for Flangeless Packages."



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com