Electronic Components Datasheet Search
  English  ▼

X  

DRF1300 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # DRF1300
Description  MOSFET Push-Pull Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DRF1300 Datasheet(HTML) 2 Page - Microsemi Corporation

  DRF1300 Datasheet HTML 1Page - Microsemi Corporation DRF1300 Datasheet HTML 2Page - Microsemi Corporation DRF1300 Datasheet HTML 3Page - Microsemi Corporation DRF1300 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DRF1300
MOSFET Specifications (Per-Section)
Symbol
Parameter
Min
Typ
Max
Unit
BV
DSS
Drain Source Voltage
500
V
I
D
Continuous Drain Current T
HS = 25°C
30
A
R
DS(on)
Drain-Source On State Resistance
0.24
Ω
Dynamic Characteristics (Per-Section)
Section A and B Output Switching Performance
Symbol
Characteristic
Min
Typ
Max
Typ
T
ON
Leading Edge 10% to 90%
2
3
4
ns
T
OFF
Trailing Edge 10% to 90%
45
TBD
49
T
DLY(ON)
Total Throughput Delay Time, ON
45
TBD
47
T
DLY(OFF)
Total Throughput Delay Time, OFF
49
50
51
∆T
DLY(ON)
Delta T
ON Delay between Section A and B
-0.5
0
1.5
∆T
DLY(OFF)
Delta T
OFF Delay between Section A and B
0
0.6
1.3
Symbol
Parameter
Min
Typ
Max
Unit
C
ISS
Input Capacitance
1800
pF
C
oss
Output Capacitance
335
C
rss
Reverse Transfer Capacitance
75
Thermal Characteristics (Total Package)
Symbol
Parameter
Ratings
Unit
RθJC
Junction to Case Thermal Resistance
.06
°C/W
RθJHS
Junction to Heat Sink Thermal Resistance
.134
T
JSTG
Storage Junction Temperature
-55 to 150
°C
P
D
Maximum Power Dissipation @ T
SINK = 25°C
1.1
KW
P
DC
Total Power Dissipation @ T
C = 25°C
2.5
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Figure 1, DRF1300 Circuit Diagram
The DRF1300 is configured as a Push Pull Hybrid incorporating two independent channels configured with a common source each consisting of a
driver, a high voltage MOSFET and by-pass capacitors. The function of the by-pass capacitors C1 and C2 is to reduce the internal parasitic loop
inductance. This coupled with the tight geometry of the hybrid allows optimal gate drive to the MOSFET. This low parasitic approach coupled
with the Schmitt trigger input (IN), Kelvin signal ground (SG) and the Anti-Ring function; provide improved stability and control in Kilowatt to Multi-
Kilowatt high frequency applications. The IN pin should be referenced to the Kelvin Ground (SG) and is applied to a Schmitt Trigger. The SG
pin is a Kelvin return for the IN pin only. The signal is then applied to the intermediate drivers and level shifters; this section contains proprietary
circuitry designed specifically for ring abatement. To further increase the utility of the device the driver die and the MOSFET die are adjacent die
selected. This provides a very close match in the turn on and propagation delays.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com