Electronic Components Datasheet Search
  English  ▼

X  

GC1600A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC1600A
Description  CONTROL DEVICES 45 Volt Abrupt Junction Tuning Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC1600A Datasheet(HTML) 2 Page - Microsemi Corporation

  GC1600A Datasheet HTML 1Page - Microsemi Corporation GC1600A Datasheet HTML 2Page - Microsemi Corporation GC1600A Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GC1600A – GC1613
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
CONTROL DEVICES
45 Volt Abrupt Junction Tuning Varactors
TM
®
RoHS Compliant
ELECTRICAL CHARACTERISTICS @ 25º C
Model Number
CT -4
+ / - 10%
Quality Factor
3
(Min)
Capacitance Ratio
2
(Min)
(Note 2)
@ -4V
(pF)
@-4V, 50 MHz
CT0 / CT-45
GC1600A – 00
0.6
3000
4.0
GC1600 – 30
0.8
2900
4.2
GC1601 – 30
1.0
2800
4.4
GC1602 – 30
1.2
2800
4.5
GC1603 – 30
1.5
2300
4.8
GC1604 – 30
1.8
2000
4.9
GC1605 – 30
2.2
2000
5.0
GC1606 – 30
2.7
1900
5.2
GC1607 – 30
3.3
1900
5.3
GC1608 – 30
3.9
1900
5.4
GC1609 – 30
4.7
1500
5.4
GC1610 – 30
5.6
1700
5.5
GC1611 – 30
6.8
1700
5.5
GC1612 – 30
8.2
1500
5.6
GC1613 – 30
10.0
1500
5.6
Notes
1)
When ordering, specify the desired case style suffix to the model. (eg. GC1601 – 30)
2)
Capacitance values include a package capacitance of 0.18 pF. Capacitance is measures at F = 1 MHz.
3)
Q is calculated from:
a.
Q =
1
4
4
2
/
Cj
fRs
b.
Rs is measured using @ 1 GHz using transmission loss techniques.
c.
Capacitances is measured at 1 MHz
Copyright
 2006
Rev: 2009-01-19



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com