Electronic Components Datasheet Search
  English  ▼

X  

GC15008 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # GC15008
Description  TUNING DIODES Frequency Linear Tuning Varactors TM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC15008 Datasheet(HTML) 4 Page - Microsemi Corporation

  GC15008 Datasheet HTML 1Page - Microsemi Corporation GC15008 Datasheet HTML 2Page - Microsemi Corporation GC15008 Datasheet HTML 3Page - Microsemi Corporation GC15008 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GC15001 – GC15013
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 4
TUNING DIODES
Frequency Linear Tuning Varactors
TM
®
RoHS Compliant
PACKAGE OPTIONS
PAC K AG E ST YLE 00
PAC K AG E ST YLE 17
Notes:
Chip style package for hybrid circuits
Dimensions vary by model number
Consult factory for details
Order as GC15xxxx – 00
Notes:
Hermetic – Stripline -Surface Mount Package
Order as GC15xxxx – 17
PACKAGE STYLE 450A - E
Notes:
Non-Hermetic – Surface Mount Package
Order as GC15xxxx – 450A or 450B
MANY OT HER PACKAGE STYLES AVAILABLE ON REQUEST
CONSULT FACTORY
Copyright
 2006
Rev: 2008-12-08



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com