Electronic Components Datasheet Search
  English  ▼

X  

GG71410 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GG71410
Description  REFLECTIVE SPST SWITCH with TTL Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GG71410 Datasheet(HTML) 2 Page - Microsemi Corporation

  GG71410 Datasheet HTML 1Page - Microsemi Corporation GG71410 Datasheet HTML 2Page - Microsemi Corporation GG71410 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GG71410
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
REFLECTIVE SPST SWITCH with TTL Driver
TM
®
RoHS Compliant
Copyright
 2006
Rev: 2009-02-02
GUARANTEED ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Model Number
Frequency
Range
Ins. Loss
1 (dB)
(Max
Isol.
3 (dB)
(Min)
VSWR
(Max)
SWITCHING
SPEED
2 (nS)
(Max)
GG71410-01
0.5 - 4.0
0.9
40
1.5:1
50
GG71410-02
2.0 - 8.0
1.3
50
1.7:1
50
GG71410-03
4.0 - 12.4
1.5
60
1.8:1
50
GG71410-04
8.0 - 18.0
1.7
55
1.9:1
50
GG71410-05
2.0 - 18.0
1.8
45
2.0:1
50
Notes:
1. RF Power Handling; 10W CW at -15v bias.
2. Switching Speed: 50nsec. (max).
3. Switching Speed is measured from the 50% point of the TTL pulse
to the 90/10% point of the RF pulse at a 2 MHz maximum switching rate.
4. Required D.C. Bias: +5v @ 75mA (max) and -8 to -15v @ 50 mA (max).
5. Temperature Rating: Operating, -55 to +95°C; Storage, -55 to +125°C.
6. Logic .0" for loss state.
ENVIRONMENTAL
These units are designed to withstand the following
environmental conditions without damage.
ENVRONMENTAL CONDITIONS
TEST
MIL-PRF METHOD CONDITION
Internal Visual
883
2017
- -
Stabilization Bake
883
1008
B
Thermal Cycle
883
1010
B
Constant
Acceleration
883
2001
1
(Y1 Axis)
Burn In
883
1015
125 ºC
Humidity
202
103B
B
External Visual
883
2009
- -



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com