Electronic Components Datasheet Search
  English  ▼

X  

GG72220 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GG72220
Description  ABSORPTIVE SPDT SWITCH MODULES with TTL Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GG72220 Datasheet(HTML) 2 Page - Microsemi Corporation

  GG72220 Datasheet HTML 1Page - Microsemi Corporation GG72220 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GG72220
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
ABSORPTIVE SPDT SWITCH MODULES with TTL Driver
TM
®
RoHS Compliant
Copyright
 2006
Rev.: 2009-02-02
GUARANTEED ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
SWITCHING
SPEED
2 (uS)
Model Number
Frequency
Range
Insertion Loss
1 (dB)
(Max)
Isolation(dB)
(Min)
VSWR
(Max)
TRISE
(Max)
TFALL
(Max)
GG72220-01
0.5 - 4.0
1.7
60
1.7:1
1.0
1.0
GG72220-02
2.0 - 8.0
2.1
55
1.7:1
1.0
1.0
GG72220-03
4.0 - 12.4
2.4
50
1.8:1
1.0
1.0
GG72220-04
8.0 - 18.0
2.9
40
1.9:1
1.0
1.0
GG72220-05
2.0 - 18.0
2.9
40
2.0:1
1.0
1.0
Notes:
1. RF Power Handling; .5W CW.
2. Switching Speed: 1.0µS (max).
3. Required D.C. Bias: +5v @ +75mA (max) and -8 to -15v @ -50mA (max)
4. Switching Speed is measured from the 50% point of the TTL pulse to the 90%-10% of the detected RF pulse with a 100 kHz maximum
switching rate.
5. Temperature Rating: Operating, -55 to +95°C; Storage, -55 to =125°C.
6. Only the switched arms, J1 & J2 are matched in the isolated state. The common arm is matched only when one path is in the loss state.
ENVIRONMENTAL
These units are designed to withstand the following
environmental conditions without damage.
ENVRONMENTAL CONDITIONS
TEST
MIL-PRF METHOD CONDITION
Internal Visual
883
2017
- -
Stabilization Bake
883
1008
B
Thermal Cycle
883
1010
B
Constant
883
2001
1 (Y1 Axis)
Seal – Fine Leak
883
1014
A1
Seal – Gross Leak
883
1014
C1
External Visual
883
2009
- -
OUTLINE 210015
NOTES
1. All pins are 0.012 ±0.001" dia, 0.100" (min) long.
May be supplied with tabs, 0.025 ±0.01 x 0.006
±0.002, upon request.
2. Tolerance on 3 place decimal, ±0.003" unless
otherwise specified.
3. Case and leads gold plated per MIL-G-45204,
Type 3, Grade A 50 µinch (min).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com