Electronic Components Datasheet Search
  English  ▼

X  

GG72430 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GG72430
Description  REFLECTIVE SPDT SWITCH with TTL Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GG72430 Datasheet(HTML) 1 Page - Microsemi Corporation

  GG72430 Datasheet HTML 1Page - Microsemi Corporation GG72430 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GG72430
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
REFLECTIVE SPDT SWITCH with TTL Driver
TM
®
RoHS Compliant
Copyright
 2006
Rev.: 2009-02-02
IMPORTANT: For the most current data, consult MICROSEMI’s website:
www.MICROSEMI.com
These devices are ESD sensitive and must be handled use using ESD precautions.
DESCRIPTION
Microsemi – Lowell’s switch modules provide an economical way of
achieving a switch function from UHF through Ku band. These switch
modules provide broadband, high performance characteristics in a
small package. Our catalog parts are basic examples of our
capability. We will be glad to explore your specific requirements with
the goal of providing custom parts for your needs.
This series of modules meets RoHS requirements per EU Directive
2002/95/EC. The standard terminal finish is gold unless otherwise
specified. Consult the factory if you have special requirements.
APPLICATIONS/BENEFITS
 Coaxial Assembly
 Broadband (0.5 – 18 GHz)
KEY FEATURES
Multi Octave Frequency
Ranges
Coaxial Connection
Internal TTL Driver
RoHS Compliant
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Storage Temperature
TSTG
-55 to +125
ºC
Operating Temperature
TOP
-55 to +95
ºC
RF CW Power Handling
PCW
0.5
W


Similar Part No. - GG72430

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG72420 MICROSEMI-GG72420 Datasheet
100Kb / 3P
ABSORPTIVE SPDT SWITCH with TTL Driver
GG72420-01 MICROSEMI-GG72420-01 Datasheet
100Kb / 3P
ABSORPTIVE SPDT SWITCH with TTL Driver
GG72420-02 MICROSEMI-GG72420-02 Datasheet
100Kb / 3P
ABSORPTIVE SPDT SWITCH with TTL Driver
GG72420-03 MICROSEMI-GG72420-03 Datasheet
100Kb / 3P
ABSORPTIVE SPDT SWITCH with TTL Driver
GG72420-04 MICROSEMI-GG72420-04 Datasheet
100Kb / 3P
ABSORPTIVE SPDT SWITCH with TTL Driver
More results

Similar Description - GG72430

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML012 MACOM-MASWML012 Datasheet
71Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML013 MACOM-MASWML013 Datasheet
73Kb / 1P
SPDT Reflective Switch with TTL Compatible Driver, 6.4 to 18.0 GHz
MASWML014 MACOM-MASWML014 Datasheet
72Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 6.0 to 12.0 GHz
MASWML027 MACOM-MASWML027 Datasheet
81Kb / 1P
SP5T Reflective Switch with TTL SP5T Reflective Switch with TTL
logo
Microsemi Corporation
GG71210 MICROSEMI-GG71210 Datasheet
92Kb / 2P
REFLECTIVE SPST SWITCH MODULES with TTL Driver
GG71410 MICROSEMI-GG71410 Datasheet
96Kb / 3P
REFLECTIVE SPST SWITCH with TTL Driver
GG72230 MICROSEMI-GG72230 Datasheet
85Kb / 2P
REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG72420 MICROSEMI-GG72420 Datasheet
100Kb / 3P
ABSORPTIVE SPDT SWITCH with TTL Driver
GG75430 MICROSEMI-GG75430 Datasheet
108Kb / 3P
REFLECTIVE SP5T SWITCH with TTL Driver
logo
API Technologies Corp
MASWML0012 APITECH-MASWML0012 Datasheet
162Kb / 2P
SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com