Electronic Components Datasheet Search
  English  ▼

X  

BD8918FV Datasheet(PDF) 9 Page - Rohm

Part # BD8918FV
Description  IC Card Interface ICs with Built-in Low Noise LDO Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8918FV Datasheet(HTML) 9 Page - Rohm

Back Button BD8918FV Datasheet HTML 5Page - Rohm BD8918FV Datasheet HTML 6Page - Rohm BD8918FV Datasheet HTML 7Page - Rohm BD8918FV Datasheet HTML 8Page - Rohm BD8918FV Datasheet HTML 9Page - Rohm BD8918FV Datasheet HTML 10Page - Rohm BD8918FV Datasheet HTML 11Page - Rohm BD8918FV Datasheet HTML 12Page - Rohm BD8918FV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Technical Note
9/15
BD8918F, BD8918FV, BD8919F, BD8919FV
www.rohm.com
2009.12 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
ART
t0
CMDVCCB
t1
t2 t3
t4= tact
VCC
IO_C
CLK
RSTIN
RST
IO_U
Min:200ns
ART
t0
CMDVCCB
t1
t2
t3
t4= tact
VCC
IO_C
CLK
RSTIN
RST
IO_U
3-3) Activation sequence
When OFFB is in the “High” state and the CMDVCCB signal from the controller turns from H to L, the activation
sequence starts to activate each functional block in the following order:
The RST outputs signals based on the RSTIN input, being reset approximately 472
sec after the CMDVCCB signal turns
from H to L. The RSTIN input becomes effective approximately 48
s after I/O TRANS turns ON. If RSTIN becomes Lo
after RSTIN becomes effective and the RST output is released, the CLK signal is output. If RSTIN is High when the RST
output is released, the CLK signal is output as soon as the RST output is released. (Refer to Fig. 4-1, 4-2 and 4-3)
LDO ON
(VCC output)
I/O TRANS ON
(IO_C, IO_U Bus: Pull-up)
__________________________________________________
 When RSTIN remains High until RST is released
 (RSTIN
Always High)
 (RSTIN=Always High)
CLK BUF ON
(CLK output)
CLK, RST BUF ON (CLK output, RST release)
RST BUF ON
(RST release)
[Activation sequence under different RSTIN input timings]
Fig. 4-1
Activation sequence 1
Fig. 4-2
Activation sequence 2
Fig.6-3
立ち上げシーケンス 3
Fig. 4-3
Activation sequence 3
(RSTIN input sequence not specified by ISO7816)
t1: LDO startup time
= typ. 24
s
t2: I/O ON time
= typ. 424
s
t3: CLK output release time (t3-t2) = Min. 200ns
t4: RST release time
= typ. 472
s, max. 481s
(Activation time)
ART
t0
CMDVCCB
t1
t2 t3
t4= tact
VCC
IO_C
CLK
RSTIN
RST
IO_U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com