Electronic Components Datasheet Search
  English  ▼

X  

JTDB25 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JTDB25
Description  25 Watts, 36 Volts, Pulsed Avionics, 960-1215 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JTDB25 Datasheet(HTML) 1 Page - Microsemi Corporation

  JTDB25 Datasheet HTML 1Page - Microsemi Corporation JTDB25 Datasheet HTML 2Page - Microsemi Corporation JTDB25 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
JTDB25
25 Watts, 36 Volts, Pulsed
Avionics, 960-1215 MHz
GENERAL DESCRIPTION
The JTDB25 is a high power COMMON BASE bipolar transistor.
It is
designed for pulsed systems in the frequency band 960-1215 MHz. The device
has gold thin-film metallization and diffused ballasting for proven highest
MTTF.
The transistor includes input and output prematch for broadband
capability.
Low thermal resistance package reduces junction temperature,
extends life.
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25ºC1
97W
Maximum Voltage and Current
BVCES
55V
BVEBO
3.5V
IC
5.0A
Maximum Temperatures
Storage Temperature
-65 to +200ºC
Operating Junction Temperature
+200ºC
CASE OUTLINE
55AW-1
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BVEBO
Emitter – Base Breakdown
IE = 5 mA
3.5
V
BVCES
Collector – Emitter Breakdown
IC = 10 mA
55
V
hFE
DC – Current Gain
IC = 500mA, VCE = 5V
20
θJC
1
Thermal Resistance
1.8
ºC/W
FUNCTIONAL CHARACTERISTICS @ 25
°C
Pout
Power Output
F=960-1215 MHz
25
W
Pin
Power Input
Vcc = 36V
5
W
Gain
Power Gain
Pulse width = 10µs
7.0
7.5
RL
Return Loss
DF=40%
8
dB
VSWR 2
Load Mismatch Tolerance
F = 1090 MHz
5:1
NOTES:1. At Rated Pulse Conditions
2. At Rated Output Power
Rev A: Dec 2009


Similar Part No. - JTDB25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JTDB25 ETC-JTDB25 Datasheet
110Kb / 2P
25 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
logo
GHz Technology
JTDB25 GHZTECH-JTDB25 Datasheet
113Kb / 2P
High power COMMON BASE bipolar transistor.
More results

Similar Description - JTDB25

ManufacturerPart #DatasheetDescription
logo
GHz Technology
TAN150 GHZTECH-TAN150 Datasheet
168Kb / 2P
150 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
List of Unclassifed Man...
JTDB25 ETC-JTDB25 Datasheet
110Kb / 2P
25 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
JTDB75 ETC-JTDB75 Datasheet
230Kb / 3P
75 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
JTDA50 ETC1-JTDA50 Datasheet
25Kb / 1P
50 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
TAN300 ETC1-TAN300 Datasheet
240Kb / 3P
300 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
GHz Technology
0912-25 GHZTECH-0912-25 Datasheet
299Kb / 3P
25 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
JTDA150A GHZTECH-JTDA150A Datasheet
267Kb / 3P
145 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
0912-7 GHZTECH-0912-7 Datasheet
332Kb / 3P
7 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
Microsemi Corporation
JTDB75 MICROSEMI-JTDB75 Datasheet
131Kb / 3P
75 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
TAN75A MICROSEMI-TAN75A Datasheet
540Kb / 4P
75 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com