Electronic Components Datasheet Search
  English  ▼

X  

DXT790AP5 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DXT790AP5
Description  40V PNP HIGH GAIN TRANSISTOR PowerDI짰5
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT790AP5 Datasheet(HTML) 1 Page - Diodes Incorporated

  DXT790AP5 Datasheet HTML 1Page - Diodes Incorporated DXT790AP5 Datasheet HTML 2Page - Diodes Incorporated DXT790AP5 Datasheet HTML 3Page - Diodes Incorporated DXT790AP5 Datasheet HTML 4Page - Diodes Incorporated DXT790AP5 Datasheet HTML 5Page - Diodes Incorporated DXT790AP5 Datasheet HTML 6Page - Diodes Incorporated DXT790AP5 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DXT790AP5
Document number: DS31800 Rev. 2 - 2
1 of 7
www.diodes.com
March 2010
© Diodes Incorporated
DXT790AP5
PowerDI is a registered trademark of Diodes Incorporated.
A Product Line of
Diodes Incorporated
40V PNP HIGH GAIN TRANSISTOR
PowerDI
®5
Features
•
43% smaller than SOT223; 60% smaller than TO252
•
Maximum height just 1.1mm
•
Rated up to 3.2W
•
VCEO = 40V
•
IC = 3A; ICM = 6A
•
Low Saturation, high gain transistor,
•
Lead, Halogen, and Antimony Free/RoHS Compliant (Note 1)
•
“Green” Device (Note 2)
Mechanical Data
•
Case: PowerDI
®5
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.093 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DXT790AP5-13
PowerDI
®5
5000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Top View
Bottom View
Device Schematic
Pin Configuration
C
BE
DXT790A = Product Type Marking Code
= Manufacturers’ Code Marking
K = Factory Designator
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 09 for 2009)
WW = Week code (01 to 53)
YYWWK
DXT790A


Similar Part No. - DXT790AP5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT790AP5 DIODES-DXT790AP5_15 Datasheet
140Kb / 7P
40V PNP HIGH GAIN TRANSISTOR POWERDI짰
Rev 3
More results

Similar Description - DXT790AP5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT690BP5 DIODES-DXT690BP5 Datasheet
146Kb / 7P
45V NPN HIGH GAIN TRANSISTOR PowerDI짰5
DS31801 Rev. 2 - 2
DXTP19020DP5 DIODES-DXTP19020DP5 Datasheet
143Kb / 5P
20V PNP HIGH GAIN TRANSISTOR PowerDI짰5
DS32012 Rev. 3 - 2
DXTP03200BP5 DIODES-DXTP03200BP5 Datasheet
148Kb / 7P
200V PNP HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32068 Rev. 2 - 2
ZXTP2009Z DIODES-ZXTP2009Z Datasheet
132Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR
JUNE 2005
DXTP03200BP5 DIODES-DXTP03200BP5_15 Datasheet
148Kb / 7P
200V PNP HIGH VOLTAGE TRANSISTOR PowerDI짰5
Rev 2
DXTP19020DP5 DIODES-DXTP19020DP5_15 Datasheet
143Kb / 5P
20V PNP HIGH GAIN TRANSISTOR PowerDI짰5
Rev 3
DXT690BP5 DIODES-DXT690BP5_15 Datasheet
250Kb / 7P
45V NPN HIGH GAIN TRANSISTOR IN POWERDI짰5
Rev 3
DXT790AP5 DIODES-DXT790AP5_15 Datasheet
140Kb / 7P
40V PNP HIGH GAIN TRANSISTOR POWERDI짰
Rev 3
DXTP560BP5 DIODES-DXTP560BP5_15 Datasheet
169Kb / 7P
500V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR POWERDI짰5
Rev 1
ZXT790AK DIODES-ZXT790AK_16 Datasheet
562Kb / 7P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com