Electronic Components Datasheet Search
  English  ▼

X  

DXT690BP5 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DXT690BP5
Description  45V NPN HIGH GAIN TRANSISTOR PowerDI짰5
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT690BP5 Datasheet(HTML) 1 Page - Diodes Incorporated

  DXT690BP5 Datasheet HTML 1Page - Diodes Incorporated DXT690BP5 Datasheet HTML 2Page - Diodes Incorporated DXT690BP5 Datasheet HTML 3Page - Diodes Incorporated DXT690BP5 Datasheet HTML 4Page - Diodes Incorporated DXT690BP5 Datasheet HTML 5Page - Diodes Incorporated DXT690BP5 Datasheet HTML 6Page - Diodes Incorporated DXT690BP5 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DXT690BP5
Document number: DS31801 Rev. 2 - 2
1 of 7
www.diodes.com
March 2010
© Diodes Incorporated
DXT690BP5
PowerDI is a registered trademark of Diodes Incorporated.
A Product Line of
Diodes Incorporated
45V NPN HIGH GAIN TRANSISTOR
PowerDI
®5
Features
•
43% smaller than SOT223; 60% smaller than TO252
•
Maximum height just 1.1mm
•
Rated up to 3.2W
•
VCEO = 45V
•
IC = 3A; ICM = 6A
•
Low Saturation, high gain transistor,
•
Lead, Halogen, and Antimony Free/RoHS Compliant (Note 1)
•
“Green” Device (Note 2)
Applications
•
LED driver
•
Motor driver
Mechanical Data
•
Case: PowerDI
®5
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.093 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DXT690BP5-13
PowerDI
®5
5000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Top View
Bottom View
Device Schematic
C
BE
C
E
B
Pin Configuration
DXT690B = Product Type Marking Code
= Manufacturers’ Code Marking
K = Factory Designator
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 09 for 2009)
WW = Week code (01 to 53)
YYWWK
DXT690B


Similar Part No. - DXT690BP5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT690BP5 DIODES-DXT690BP5_15 Datasheet
250Kb / 7P
45V NPN HIGH GAIN TRANSISTOR IN POWERDI짰5
Rev 3
More results

Similar Description - DXT690BP5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN07045EFF ZETEX-ZXTN07045EFF Datasheet
452Kb / 8P
45V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
DXT790AP5 DIODES-DXT790AP5 Datasheet
116Kb / 7P
40V PNP HIGH GAIN TRANSISTOR PowerDI짰5
DS31800 Rev. 2 - 2
DXTP19020DP5 DIODES-DXTP19020DP5 Datasheet
143Kb / 5P
20V PNP HIGH GAIN TRANSISTOR PowerDI짰5
DS32012 Rev. 3 - 2
ZXT690BK DIODES-ZXT690BK Datasheet
305Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
ZXTN07045EFF DIODES-ZXTN07045EFF Datasheet
323Kb / 8P
45V, SOT23F, NPN high gain power transistor
JUNE 2007
FCX690BTA DIODES-FCX690BTA Datasheet
578Kb / 7P
45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
Rev 2
DXT690BP5 DIODES-DXT690BP5_15 Datasheet
250Kb / 7P
45V NPN HIGH GAIN TRANSISTOR IN POWERDI짰5
Rev 3
ZXT690BK DIODES-ZXT690BK_15 Datasheet
251Kb / 7P
45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
Rev 4
FZT690B DIODES-FZT690B_16 Datasheet
652Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 5
ZXT690BK DIODES-ZXT690BK_17 Datasheet
348Kb / 7P
45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
Rev 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com